Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX98715AEC-E Datasheet (PDF) - Macronix International

MX98715AEC-E Datasheet PDF - Macronix International
Part # MX98715AEC-E
Download  MX98715AEC-E Download

File Size   201.58 Kbytes
Page   39 Pages
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International
Description SINGLE CHIP FAST ETHERNET NIC CONTROLLER - ENHANCED VERSION

MX98715AEC-E Datasheet (PDF)

Go To PDF Page Download Datasheet
MX98715AEC-E Datasheet PDF - Macronix International

Part # MX98715AEC-E
Download  MX98715AEC-E Click to download

File Size   201.58 Kbytes
Page   39 Pages
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International
Description SINGLE CHIP FAST ETHERNET NIC CONTROLLER - ENHANCED VERSION

MX98715AEC-E Datasheet (HTML) - Macronix International

Back Button MX98715AEC-E Datasheet HTML 1Page - Macronix International MX98715AEC-E Datasheet HTML 2Page - Macronix International MX98715AEC-E Datasheet HTML 3Page - Macronix International MX98715AEC-E Datasheet HTML 4Page - Macronix International MX98715AEC-E Datasheet HTML 5Page - Macronix International MX98715AEC-E Datasheet HTML 6Page - Macronix International MX98715AEC-E Datasheet HTML 7Page - Macronix International MX98715AEC-E Datasheet HTML 8Page - Macronix International MX98715AEC-E Datasheet HTML 9Page - Macronix International MX98715AEC-E Datasheet HTML 10Page - Macronix International Next Button 

MX98715AEC-E Product details

GENERAL DESCRIPTIONS
The MX98715AEC-E controller is an IEEE802.3u compliant single chip 32-bit full duplex, 10/100Mbps highly integrated Fast Ethernet combo solution, designed to address high performance local area networking (LAN) system application requirements.

FEATURES
• A single chip solution integrates 100/10 Base-T fast Ethernet MAC, PHY and PMD.
• Microsoft PC97, 98, 99 and Novell 4.11/5.0 certified.
• Support DMI 2.0 management.
• Support Intel PXE remote boot device.
• Fully comply to IEEE 802.3u specification
• Operates over 100 meters of STP and category 5 UTP cable
• Fully comply to PCI spec. 2.1 with clock frequency up to 33MHz
• Fully comply to Advanced Configuration and Power Interface (ACPI) Rev 1.1
• Fully comply to PCI Bus Power Management Interface spec. Rev 1.1
• Support full and half duplex operations in both 100 Base-TX and 10 Base-T mode
• Supports 3 kinds of wake up events defined in Network Device Class Power Management Spec 1.0. Including:
    - Magic PacketTM
    - Link Change(link-on)
    - Wake Up Frame
• Supports IEEE802.3x Frame Based Flow Control scheme in full duplex mode.
• Supports early interrupt on both transmit and receive operations.
• 100/10 Base-T NWAY auto negotiation function
• Large on-chip FIFOs for both transmit and receive operations without external local memory
• Bus master architecture with linked host buffers delivers the most optimized performance
• 32-bit bus master DMA channel provides ultra low CPU utilization, best fit in server and windows application.
• Proprietary Adaptive Network Throughput Control (ANTC) technology to optimize data integrity and throughput
• Support up to 64K bytes boot ROM interface
• Three levels of loopback diagnositic capability
• Support a variety of flexible address filtering modes with 16 CAM address and 128 bits hash
• MicroWire interface to EEPROM for customers IDs and configuration data
• Single +5V power supply, CMOS technology, 128-pin PQFP package/LQPF package




Similar Part No. - MX98715AEC-E

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX98715AEC-C MCNIX-MX98715AEC-C Datasheet
201Kb / 39P
   SINGLE CHIP FAST ETHERNET NIC CONTROLLER - CRYSTAL VERSION
MX98715AEC-D MCNIX-MX98715AEC-D Datasheet
255Kb / 40P
   SINGLE CHIP FAST ETHERNET NIC CONTROLLER
More results


Similar Description - MX98715AEC-E

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX98715AEC-C MCNIX-MX98715AEC-C Datasheet
201Kb / 39P
   SINGLE CHIP FAST ETHERNET NIC CONTROLLER - CRYSTAL VERSION
logo
List of Unclassifed Man...
DM9102A ETC-DM9102A Datasheet
459Kb / 77P
   Single Chip Fast Ethernet NIC controller
logo
Macronix International
MX98715AEC-D MCNIX-MX98715AEC-D Datasheet
255Kb / 40P
   SINGLE CHIP FAST ETHERNET NIC CONTROLLER
logo
List of Unclassifed Man...
MX98725 ETC1-MX98725 Datasheet
177Kb / 33P
   SINGLE CHIP FAST ETHERNET NIC CONTROLLER
logo
Davicom Semiconductor, ...
DM9102HEP DAVICOM-DM9102HEP Datasheet
41Kb / 3P
   Single Chip Fast Ethernet NIC Controller
DM9102D DAVICOM-DM9102D Datasheet
568Kb / 70P
   Single Chip Fast Ethernet NIC Controller
DM9102DEP DAVICOM-DM9102DEP Datasheet
58Kb / 3P
   Single Chip Fast Ethernet NIC Controller
DM9102H DAVICOM-DM9102H Datasheet
965Kb / 77P
   Single Chip Fast Ethernet NIC Controller
logo
Macronix International
MX98715A MCNIX-MX98715A Datasheet
215Kb / 32P
   SINGLE CHIP FAST ETHERNET NIC CONTROLLER
MX98L715BEC MCNIX-MX98L715BEC Datasheet
578Kb / 50P
   3.3V SINGLE CHIP FAST ETHERNET NIC CONTROLLER
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com