Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

974909 Datasheet (PDF) - KNIPEX

974909 Datasheet PDF - KNIPEX
Part # 974909
Download  974909 Download
File Size   141.52 Kbytes
Page   1 Pages
Manufacturer  KNIPEX [KNIPEX]
Direct Link  https://www.knipex.com/
Logo KNIPEX - KNIPEX
Description Crimping die For wire ferrules

974909 Datasheet (PDF)

Go To PDF Page Download Datasheet
974909 Datasheet PDF - KNIPEX

Part # 974909
Download  974909 Click to download

File Size   141.52 Kbytes
Page   1 Pages
Manufacturer  KNIPEX [KNIPEX]
Direct Link  https://www.knipex.com/
Logo KNIPEX - KNIPEX
Description Crimping die For wire ferrules

974909 Datasheet (HTML) - KNIPEX


974909 Product details

General
Article No. 97 49 09
EAN 4003773030881
Weight 50 g
Dimensions 50 x 12 mm
Reach no
RohS no




Similar Part No. - 974909

ManufacturerPart #DatasheetDescription
logo
KNIPEX
974904 KNIPEX-974904 Datasheet
129Kb / 2P
Crimping die For non-insulated open plug-type connectors 2.8 4.8 mm
05.07.2021
974905 KNIPEX-974905 Datasheet
135Kb / 2P
Crimping die For non-insulated open plug-type connectors 4.8 6.3 mm
05.07.2021
974906 KNIPEX-974906 Datasheet
129Kb / 1P
Crimping die For insulated terminals plug connectors
05.07.2021
974906PI KNIPEX-974906PI Datasheet
106Kb / 1P
Mordaza intercambiable Para conectores PIDG aislados
05.07.2021
974907 KNIPEX-974907 Datasheet
124Kb / 1P
Crimping die For heat shrinkable sleeve connectors
29.05.2024
More results


Similar Description - 974909

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
408-2786 TEC-408-2786 Datasheet
134Kb / 5P
Crimping Die Assemblies
408-4028 TEC-408-4028 Datasheet
267Kb / 4P
Crimping Die
408-2822 TEC-408-2822 Datasheet
186Kb / 7P
Crimping Die Assemblies
logo
PHOENIX CONTACT
CRIMPFOX-16-S PHOENIX-CRIMPFOX-16-S Datasheet
46Kb / 2P
Crimping pliers for ferrules up to 16 mm짼
CF-500DIE-AI-50 PHOENIX-CF-500DIE-AI-50 Datasheet
45Kb / 2P
Die for crimping machine CF 500, for ferrules (A... and AI...) 35 and 50 mm짼
logo
Weidmuller
9006450000 WEIDMULLER-9006450000 Datasheet
678Kb / 8P
Pressing tool, Crimping tool for wire-end ferrules
November 9, 2021
9011460000 WEIDMULLER-9011460000 Datasheet
663Kb / 43P
Pressing tool, Crimping tool for wire-end ferrules 0.25mm짼
November 10, 2021
9012600000 WEIDMULLER-9012600000 Datasheet
668Kb / 15P
Pressing tool, Crimping tool for wire-end ferrules
November 9, 2021
9014350000 WEIDMULLER-9014350000 Datasheet
789Kb / 46P
Pressing tool, Crimping tool for wire-end ferrules
November 9, 2021
9020000000 WEIDMULLER-9020000000 Datasheet
1Mb / 6P
Cutting, stripping and crimping tool, Crimping tool for wire-end ferrules
November 9, 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com