Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DKT30ICHPD Datasheet (PDF) - StarTech.com Ltd.

DKT30ICHPD Datasheet PDF - StarTech.com Ltd.
Part # DKT30ICHPD
Download  DKT30ICHPD Download
File Size   136.17 Kbytes
Page   4 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description USB C Multiport Adapter - USB-C to 4K 60Hz HDMI 2.0, 100W Power Delivery Pass-Through Charging, 3-Port USB 3.0 Hub, Audio - USB-C Mini Dock - Portable USB Type-C Travel Dock

DKT30ICHPD Datasheet (PDF)

Go To PDF Page Download Datasheet
DKT30ICHPD Datasheet PDF - StarTech.com Ltd.

Part # DKT30ICHPD
Download  DKT30ICHPD Click to download

File Size   136.17 Kbytes
Page   4 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description USB C Multiport Adapter - USB-C to 4K 60Hz HDMI 2.0, 100W Power Delivery Pass-Through Charging, 3-Port USB 3.0 Hub, Audio - USB-C Mini Dock - Portable USB Type-C Travel Dock

DKT30ICHPD Datasheet (HTML) - StarTech.com Ltd.


DKT30ICHPD Product details

Features
• 5-IN-1 FUNCTIONALITY: USB-C multiport adapter (USB 3.1/3.2 Gen 1 5Gbps) with DP 1.4 Alt Mode supports up to
4K 60Hz HDMI 2.0 (HDR) video, 2-Port USB-A Hub (1x BC1.2 fast charge), TRRS audio for headset/mic, and 1x
USB-C (Data + Power Delivery 3.0)
• CABLE-FREE USB-C HOST CONNECTION: USB C multiport adapter features a built-in, center positioned USB-C
connector for a flush cableless connection to iPad Pro, Surface Pro 7, Google Pixelbook, and other USB-C tablets,
Chromebooks and laptops
• RELIABLE PERFORMANCE: USB bus powered or via external USB-C power adapter; 100W Power Delivery 3.0
pass through with 8W reserved for adapter to avoid video flickering, device dropouts or overdrawing power common
in other hubs; up to 92W for laptop charging
• PORTABLE & COMPACT: Portable docking station design allows for easy transport either separately in laptop bag
or left connected to laptop for convenient on-the-go use, business travel or work from home
• WIDE OPERATING SYSTEM COMPATIBILITY: With automatic driver installation for easy installation, this universal
USB Type-C multiport adapter supports all major operating systems such as Windows, macOS, iPadOS, Chrome OSssssssssssssssssssssssssssssssssssssssssssss




Similar Part No. - DKT30ICHPD

ManufacturerPart #DatasheetDescription
logo
StarTech.com Ltd.
DKT30CHPD3 STARTECH-DKT30CHPD3 Datasheet
149Kb / 4P
USB C Multiport Adapter - USB-C to HDMI 2.0b 4K 60Hz (HDR10), 100W Power Delivery Pass-Through, 4-Port USB 3.0 Hub - USB Type-C Mini Dock - 12" (30cm) Long Attached Cable
DKT30CHSDPD STARTECH-DKT30CHSDPD Datasheet
139Kb / 5P
USB C Multiport Adapter - USB-C to 4K HDMI, 100W Power Delivery Pass-through, SD/MicroSD Slot, 3-Port USB 3.0 Hub - USB Type-C Mini Dock - 12" (30cm) Long Attached Cable
DKT30CHSDPD1 STARTECH-DKT30CHSDPD1 Datasheet
142Kb / 5P
USB C Multiport Adapter - USB-C to 4K 60Hz HDMI 2.0, 100W Power Delivery Pass-through,SD/MicroSD, 2-Port USB 3.0 Hub, GbE - USB Type-C Mini Dock - 12" Long Attached Cable
DKT30CHVAUSP STARTECH-DKT30CHVAUSP Datasheet
147Kb / 5P
USB C Multiport Adapter - USB-C Mini Travel Dockw/ 4K HDMI or 1080p VGA - 3x USB 3.0 Hub, SDCard Reader, GbE, Audio, 100W PD - Portable Docking Station for Laptop/Tablet
DKT30CHVPD2 STARTECH-DKT30CHVPD2 Datasheet
151Kb / 5P
USB-C Multiport Adapter - USB-C to 4K 30Hz HDMI or 1080p VGA - USB Type-C Mini Dock w/100W Power Delivery Passthrough, 3-Port USB Hub 5Gbps, GbE - 12" (30cm) Attached Cable
More results


Similar Description - DKT30ICHPD

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
U444-06N-H4GU-C TRIPPLITE-U444-06N-H4GU-C Datasheet
518Kb / 2P
USB 3.1 Gen 1 USB-C to HDMI External Video Adapter with USB-A Hub, USB-C Charging Port & Gigabit Ethernet Port, 4K x 2K
U444-06N-H4U-C TRIPPLITE-U444-06N-H4U-C Datasheet
515Kb / 2P
USB 3.1 Gen 1 USB-C to HDMI External Video Adapter with USB-A Hub and USB-C Charging Port, 4K x 2K
U460-003-3AG-C TRIPPLITE-U460-003-3AG-C Datasheet
503Kb / 2P
3-Port USB 3.1 Gen 1 Portable Hub, USB-C to (x3) USB-A, USB-C Charging Port & Gigabit Ethernet Port, Aluminum
U460-004-4A-C TRIPPLITE-U460-004-4A-C Datasheet
497Kb / 2P
4-Port USB 3.1 Gen 1 Portable Hub, USB-C to (x4) USB-A, with USB-C Charging Port
U442-DOCK6-GY TRIPPLITE-U442-DOCK6-GY Datasheet
165Kb / 4P
USB-C Portable Docking Station - HDMI 4K @ 30Hz, VGA, USB-A/USB-C, GbE, PD Charging 3.0, Gray
U444-06N-DP-C TRIPPLITE-U444-06N-DP-C Datasheet
170Kb / 4P
USB 3.1 Gen 1 USB-C to DisplayPort 4K Adapter with USB-C PD Charging Port, Thunderbolt 3 Compatible, 4K @60Hz
U442-DOCK17-GY TRIPPLITE-U442-DOCK17-GY Datasheet
199Kb / 4P
USB-C Dock, Single Display - 4K HDMI, USB 3.2 Gen 1, USB-A/USB-C Hub, SATA III, 100W PD Charging, Gray
U442-DOCK8-GG TRIPPLITE-U442-DOCK8-GG Datasheet
176Kb / 4P
USB-C Dock, Dual Display - 4K 60 Hz HDMI, USB 3.2 Gen 1, USB-A Hub, Memory Card, 100W PD Charging, Gray
U442-DOCK8G-GG TRIPPLITE-U442-DOCK8G-GG Datasheet
179Kb / 5P
USB-C Dock, Dual Display - 4K 60 Hz HDMI, USB 3.2 Gen 1, USB-A Hub, GbE, Memory Card, 100W PD Charging, Gray
U442-DOCK8-BINT TRIPPLITE-U442-DOCK8-BINT Datasheet
55Kb / 6P
USB-C Dock, Triple Display - 4K 60 Hz HDMI/DisplayPort, USB 3.2 Gen 2, USB-A/USB-C Hub, GbE, 85W PD Charging, EU/UK Power Adapters
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com