Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DKT30CHVPD2 Datasheet (PDF) - StarTech.com Ltd.

DKT30CHVPD2 Datasheet PDF - StarTech.com Ltd.
Part # DKT30CHVPD2
Download  DKT30CHVPD2 Download
File Size   151.91 Kbytes
Page   5 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description USB-C Multiport Adapter - USB-C to 4K 30Hz HDMI or 1080p VGA - USB Type-C Mini Dock w/100W Power Delivery Passthrough, 3-Port USB Hub 5Gbps, GbE - 12" (30cm) Attached Cable

DKT30CHVPD2 Datasheet (PDF)

Go To PDF Page Download Datasheet
DKT30CHVPD2 Datasheet PDF - StarTech.com Ltd.

Part # DKT30CHVPD2
Download  DKT30CHVPD2 Click to download

File Size   151.91 Kbytes
Page   5 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description USB-C Multiport Adapter - USB-C to 4K 30Hz HDMI or 1080p VGA - USB Type-C Mini Dock w/100W Power Delivery Passthrough, 3-Port USB Hub 5Gbps, GbE - 12" (30cm) Attached Cable

DKT30CHVPD2 Datasheet (HTML) - StarTech.com Ltd.


DKT30CHVPD2 Product details

Features
• 6-IN-1 MULTIPORT ADAPTER: USB-C mini dock with HDMI 4K 30Hz or VGA 1080p video outputs, 2x USB-A
(USB 3.1 Gen 1 5Gbps) with 1x BC 1.2 charging, 1x USB-C (100W PD 3.0 or 5Gbps data), Gigabit ethernet; works
w/ HDMI ultra-wide monitors/displays (3440x1440)
• EXTRA LONG CABLE: USB C multiport adapter with 12" (30cm) attached cable for extended reach to reduce
port/connector strain on 2-in-1 devices like Surface Pro 7, iPad Pro, HP Elite x2 & laptops on riser stands
• RELIABLE PERFORMANCE: USB bus powered or via external USB-C power adapter; 100W Power Delivery 3.0
pass through w/ 15W reserved for adapter to avoid video flickering, device dropouts or overdrawing power common
in other hubs; up to 85W for laptop charging
• WIDE COMPATIBILITY: Compatible with USB-C laptops, ultrabooks & Chromebooks, plus Thunderbolt 3 laptops
from HP, Dell, Lenovo, MacBooks (Intel processor & M1 chip), and Surface; USBC multiport adapter works w/
Windows, macOS, iPadOS, Android & Chrome OS
• PORTABLE & COMPACT: Portable, durable aluminum USB Type-C multiport adapter is designed for easy
transport in a laptop bag for convenient on-the-go use between office, home office, shared office spaces, and
business travel
• CONNECTIVITY TOOLS: Provided with this device, the application improves performance and security, featuring
MAC Address Changer, USB Event Monitoring, Windows Layout & Wi-Fi Auto Switch utilities




Similar Part No. - DKT30CHVPD2

ManufacturerPart #DatasheetDescription
logo
StarTech.com Ltd.
DKT30CHVAUSP STARTECH-DKT30CHVAUSP Datasheet
147Kb / 5P
USB C Multiport Adapter - USB-C Mini Travel Dockw/ 4K HDMI or 1080p VGA - 3x USB 3.0 Hub, SDCard Reader, GbE, Audio, 100W PD - Portable Docking Station for Laptop/Tablet
DKT30CHVSDPD STARTECH-DKT30CHVSDPD Datasheet
148Kb / 6P
USB C Multiport Adapter - HDMI 4K 30Hz or VGA Travel Dock - 5Gbps USB 3.0 Hub (USB A / USB C Ports) - 100W Power Delivery - SD/Micro SD - GbE - 30cm Cable - USB C Mini Dock
More results


Similar Description - DKT30CHVPD2

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
U444-06N-HGU-C TRIPPLITE-U444-06N-HGU-C Datasheet
517Kb / 2P
USB 3.1 Gen 1 USB-C to HDMI External Video Adapter with USB-A Hub, USB-C Charging Port & Gigabit Ethernet Port, 1080p
U444-06N-HU-C TRIPPLITE-U444-06N-HU-C Datasheet
516Kb / 2P
USB 3.1 Gen 1 USB-C to HDMI External Video Adapter with USB-A Hub and USB-C Charging Port, 1080p
U444-06N-H4GUBC TRIPPLITE-U444-06N-H4GUBC Datasheet
180Kb / 4P
USB-C to HDMI Adapter with USB-A Hub, Gigabit Ethernet, Thunderbolt 3, 4K - PD Charging, 30Hz, Black
U444-06N-H4UB-C TRIPPLITE-U444-06N-H4UB-C Datasheet
163Kb / 3P
USB-C to HDMI Adapter with USB-A Hub and PD Charging ??USB 3.1, Thunderbolt 3, 4K x 2K @ 30Hz, Black
U444-06N-HDV4K TRIPPLITE-U444-06N-HDV4K Datasheet
163Kb / 4P
USB Type-C (USB-C) to HDMI/DVI/VGA All-in-One Converter Adapter, Thunderbolt 3 Compatible, Ultra HD 4K @30Hz
U444-06N-HV4GU TRIPPLITE-U444-06N-HV4GU Datasheet
164Kb / 4P
USB 3.1 Gen 1 USB-C Adapter, 4K @ 30Hz - HDMI, VGA, USB-A and Gigabit Ethernet, White
U444-06N-HV4GUB TRIPPLITE-U444-06N-HV4GUB Datasheet
168Kb / 4P
USB 3.1 Gen 1 USB-C Adapter, 4K @ 30Hz - HDMI, VGA, USB-A Hub Port and Gigabit Ethernet, Black
U444-06N-HV4K TRIPPLITE-U444-06N-HV4K Datasheet
165Kb / 4P
USB 3.1 Gen 1 USB-C to HDMI/VGA 4K Adapter (M/2xF), Thunderbolt 3 Compatible, 4K @30Hz
U442-DOCK6-GY TRIPPLITE-U442-DOCK6-GY Datasheet
165Kb / 4P
USB-C Portable Docking Station - HDMI 4K @ 30Hz, VGA, USB-A/USB-C, GbE, PD Charging 3.0, Gray
U442-DOCK17-GY TRIPPLITE-U442-DOCK17-GY Datasheet
199Kb / 4P
USB-C Dock, Single Display - 4K HDMI, USB 3.2 Gen 1, USB-A/USB-C Hub, SATA III, 100W PD Charging, Gray
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com