Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DKT30CHVSDPD Datasheet (PDF) - StarTech.com Ltd.

DKT30CHVSDPD Datasheet PDF - StarTech.com Ltd.
Part # DKT30CHVSDPD
Download  DKT30CHVSDPD Download
File Size   148.73 Kbytes
Page   6 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description USB C Multiport Adapter - HDMI 4K 30Hz or VGA Travel Dock - 5Gbps USB 3.0 Hub (USB A / USB C Ports) - 100W Power Delivery - SD/Micro SD - GbE - 30cm Cable - USB C Mini Dock

DKT30CHVSDPD Datasheet (PDF)

Go To PDF Page Download Datasheet
DKT30CHVSDPD Datasheet PDF - StarTech.com Ltd.

Part # DKT30CHVSDPD
Download  DKT30CHVSDPD Click to download

File Size   148.73 Kbytes
Page   6 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description USB C Multiport Adapter - HDMI 4K 30Hz or VGA Travel Dock - 5Gbps USB 3.0 Hub (USB A / USB C Ports) - 100W Power Delivery - SD/Micro SD - GbE - 30cm Cable - USB C Mini Dock

DKT30CHVSDPD Datasheet (HTML) - StarTech.com Ltd.


DKT30CHVSDPD Product details

Applications
• Connects your laptop to a 4K 30Hz HDMI monitor (4096 x 2160p), or a 1080p VGA 60Hz monitor to create a
powerful workstation
• Access your multimedia content with ease, using the built-in SD card reader
• Charge your laptop and USB peripherals with USB PD 3.0 (up to 100W), and fast charging USB-A port

Features
• 9-IN-1 USB-C MULTIPORT ADAPTER: HDMI 4K 30Hz or VGA video (DP Alt Mode req); 2-Port USB-A USB 3.1
Gen 1 Hub 5Gbps including 1x BC 1.2 charge port; 1x USB-C 5Gbps port; 1x USB-C 100W PD 3.0 port; SD &
MicroSD Card Readers; Gigabit Ethernet (PXE Boot & WoL)
• EXTRA LONG CABLE: USB C mini docking station with 12" (30cm) attached cable for extended reach to reduce
port/connector strain on 2-in-1 devices like Surface Pro 7, iPad Pro, HP Elite x2 & laptops on riser stands
• RELIABLE PERFORMANCE: USB bus powered or via external USB-C power adapter; 100W Power Delivery 3.0
pass through w/ 15W reserved for adapter to avoid video flickering, device dropouts or overdrawing power common




Similar Part No. - DKT30CHVSDPD

ManufacturerPart #DatasheetDescription
logo
StarTech.com Ltd.
DKT30CHVAUSP STARTECH-DKT30CHVAUSP Datasheet
147Kb / 5P
USB C Multiport Adapter - USB-C Mini Travel Dockw/ 4K HDMI or 1080p VGA - 3x USB 3.0 Hub, SDCard Reader, GbE, Audio, 100W PD - Portable Docking Station for Laptop/Tablet
DKT30CHVPD2 STARTECH-DKT30CHVPD2 Datasheet
151Kb / 5P
USB-C Multiport Adapter - USB-C to 4K 30Hz HDMI or 1080p VGA - USB Type-C Mini Dock w/100W Power Delivery Passthrough, 3-Port USB Hub 5Gbps, GbE - 12" (30cm) Attached Cable
More results


Similar Description - DKT30CHVSDPD

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
U444-06N-HV4GU TRIPPLITE-U444-06N-HV4GU Datasheet
164Kb / 4P
USB 3.1 Gen 1 USB-C Adapter, 4K @ 30Hz - HDMI, VGA, USB-A and Gigabit Ethernet, White
U444-06N-HV4GUB TRIPPLITE-U444-06N-HV4GUB Datasheet
168Kb / 4P
USB 3.1 Gen 1 USB-C Adapter, 4K @ 30Hz - HDMI, VGA, USB-A Hub Port and Gigabit Ethernet, Black
U442-DOCK5-GY TRIPPLITE-U442-DOCK5-GY Datasheet
167Kb / 4P
USB-C Portable Docking Station - HDMI 4K @ 30Hz, USB-A/C, GbE, SD/Micro SD, PD Charging 3.0, Gray
U442-DOCK6-GY TRIPPLITE-U442-DOCK6-GY Datasheet
165Kb / 4P
USB-C Portable Docking Station - HDMI 4K @ 30Hz, VGA, USB-A/USB-C, GbE, PD Charging 3.0, Gray
U442-DOCK11-S TRIPPLITE-U442-DOCK11-S Datasheet
166Kb / 4P
USB-C Docking Station, 4K @ 30 Hz, HDMI, Thunderbolt 3, USB-A Hub, PD Charging, SD/Micro SD, GbE - Silver
U442-DOCK5D-GY TRIPPLITE-U442-DOCK5D-GY Datasheet
167Kb / 4P
USB-C Docking Station - HDMI 4K @ 30 Hz, USB-AC, GbE, SD/Micro SD, PD Charging 3.0, USB-C Cable, Gray
U442-DOCK17-GY TRIPPLITE-U442-DOCK17-GY Datasheet
199Kb / 4P
USB-C Dock, Single Display - 4K HDMI, USB 3.2 Gen 1, USB-A/USB-C Hub, SATA III, 100W PD Charging, Gray
U460-002-2AM-C1 TRIPPLITE-U460-002-2AM-C1 Datasheet
161Kb / 3P
USB-C Multiport Adapter, 2x USB-A and 1X USB-C Ports, Card Reader, USB 3.0, Silver
U442-DOCK8G-GG TRIPPLITE-U442-DOCK8G-GG Datasheet
179Kb / 5P
USB-C Dock, Dual Display - 4K 60 Hz HDMI, USB 3.2 Gen 1, USB-A Hub, GbE, Memory Card, 100W PD Charging, Gray
U442-DOCK8-BINT TRIPPLITE-U442-DOCK8-BINT Datasheet
55Kb / 6P
USB-C Dock, Triple Display - 4K 60 Hz HDMI/DisplayPort, USB 3.2 Gen 2, USB-A/USB-C Hub, GbE, 85W PD Charging, EU/UK Power Adapters
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com