Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DKT30CHSDPD1 Datasheet (PDF) - StarTech.com Ltd.

DKT30CHSDPD1 Datasheet PDF - StarTech.com Ltd.
Part # DKT30CHSDPD1
Download  DKT30CHSDPD1 Download
File Size   142.28 Kbytes
Page   5 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description USB C Multiport Adapter - USB-C to 4K 60Hz HDMI 2.0, 100W Power Delivery Pass-through,SD/MicroSD, 2-Port USB 3.0 Hub, GbE - USB Type-C Mini Dock - 12" Long Attached Cable

DKT30CHSDPD1 Datasheet (PDF)

Go To PDF Page Download Datasheet
DKT30CHSDPD1 Datasheet PDF - StarTech.com Ltd.

Part # DKT30CHSDPD1
Download  DKT30CHSDPD1 Click to download

File Size   142.28 Kbytes
Page   5 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description USB C Multiport Adapter - USB-C to 4K 60Hz HDMI 2.0, 100W Power Delivery Pass-through,SD/MicroSD, 2-Port USB 3.0 Hub, GbE - USB Type-C Mini Dock - 12" Long Attached Cable

DKT30CHSDPD1 Datasheet (HTML) - StarTech.com Ltd.


DKT30CHSDPD1 Product details

Features
• 6-IN-1 MULTIPORT ADAPTER: USB-C multiport adapter w/ 4K 60Hz HDMI 2.0b (HDR10) video, 2-Port USB-A Hub
5Gbps (BC 1.2 charge port), 100W PD, SD + MicroSD Card Reader, Gigabit Ethernet; works w/ ultra-wide monitors
up to 3440x1440@60Hz
• EXTRA LONG CABLE: USB C mini dock with 12" (30cm) attached cable for extended reach to reduce
port/connector strain on 2-in-1 devices like Surface Pro 7, iPad Pro, HP Elite x2 & laptops on riser stands
• 4K 60HZ WITH DP 1.4 ALT-MODE: Supports 4K 60Hz on host devices that support DP 1.4 Alt-Mode (minimum
Intel 11th Gen); on host devices that support DP 1.2 Alt-Mode, maximum video output resolution is 4K 30Hz
• RELIABLE PERFORMANCE: USB bus powered or via external USB-C power adapter; 100W Power Delivery 3.0
pass through w/ 12W reserved for adapter to avoid video flickering, device dropouts or overdrawing power common
in other hubs; up to 88W for laptop charging
• WIDE COMPATIBILITY: Fully compatible with USB-C laptops, ultrabooks & Chromebooks, plus Thunderbolt 3
laptops from HP, Dell, Lenovo, MacBooks (Intel processor and M1 chip), and Surface; works w/ Windows, macOS,
iPadOS, Android and Chrome OS
• PORTABLE & COMPACT: Portable USB Type-C multiport adapter designed for easy transport in a laptop bag for
convenient on-the-go use between office, home office, shared office spaces, and business travel
• CONNECTIVITY TOOLS: Provided with this device, the application improves performance and security, featuring




Similar Part No. - DKT30CHSDPD1

ManufacturerPart #DatasheetDescription
logo
StarTech.com Ltd.
DKT30CHSDPD STARTECH-DKT30CHSDPD Datasheet
139Kb / 5P
USB C Multiport Adapter - USB-C to 4K HDMI, 100W Power Delivery Pass-through, SD/MicroSD Slot, 3-Port USB 3.0 Hub - USB Type-C Mini Dock - 12" (30cm) Long Attached Cable
More results


Similar Description - DKT30CHSDPD1

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
U444-06N-H4U-C TRIPPLITE-U444-06N-H4U-C Datasheet
515Kb / 2P
USB 3.1 Gen 1 USB-C to HDMI External Video Adapter with USB-A Hub and USB-C Charging Port, 4K x 2K
logo
Phihong USA Inc.
AQ36A-59FA PHIHONG-AQ36A-59FA Datasheet
130Kb / 3P
36 Watt USB Power Delivery 3.0 Adapter with USB-C
AQ45A-59FA PHIHONG-AQ45A-59FA Datasheet
118Kb / 3P
45 Watt USB Power Delivery 3.0 Adapter with USB-C
logo
Tripp Lite. All Rights ...
U040-006-C TRIPPLITE-U040-006-C Datasheet
157Kb / 3P
USB 2.0 Cable, USB Type-C (USB-C) to USB Type-C M/M, 6-ft. Length
U442-DOCK5-GY TRIPPLITE-U442-DOCK5-GY Datasheet
167Kb / 4P
USB-C Portable Docking Station - HDMI 4K @ 30Hz, USB-A/C, GbE, SD/Micro SD, PD Charging 3.0, Gray
U442-DOCK6-GY TRIPPLITE-U442-DOCK6-GY Datasheet
165Kb / 4P
USB-C Portable Docking Station - HDMI 4K @ 30Hz, VGA, USB-A/USB-C, GbE, PD Charging 3.0, Gray
U442-DOCK5D-GY TRIPPLITE-U442-DOCK5D-GY Datasheet
167Kb / 4P
USB-C Docking Station - HDMI 4K @ 30 Hz, USB-AC, GbE, SD/Micro SD, PD Charging 3.0, USB-C Cable, Gray
U442-DOCK17-GY TRIPPLITE-U442-DOCK17-GY Datasheet
199Kb / 4P
USB-C Dock, Single Display - 4K HDMI, USB 3.2 Gen 1, USB-A/USB-C Hub, SATA III, 100W PD Charging, Gray
U442-DOCK8G-GG TRIPPLITE-U442-DOCK8G-GG Datasheet
179Kb / 5P
USB-C Dock, Dual Display - 4K 60 Hz HDMI, USB 3.2 Gen 1, USB-A Hub, GbE, Memory Card, 100W PD Charging, Gray
U442-DOCK8-BINT TRIPPLITE-U442-DOCK8-BINT Datasheet
55Kb / 6P
USB-C Dock, Triple Display - 4K 60 Hz HDMI/DisplayPort, USB 3.2 Gen 2, USB-A/USB-C Hub, GbE, 85W PD Charging, EU/UK Power Adapters
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com