Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DKT30CHSDPD Datasheet (PDF) - StarTech.com Ltd.

DKT30CHSDPD Datasheet PDF - StarTech.com Ltd.
Part # DKT30CHSDPD
Download  DKT30CHSDPD Download
File Size   139.78 Kbytes
Page   5 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description USB C Multiport Adapter - USB-C to 4K HDMI, 100W Power Delivery Pass-through, SD/MicroSD Slot, 3-Port USB 3.0 Hub - USB Type-C Mini Dock - 12" (30cm) Long Attached Cable

DKT30CHSDPD Datasheet (PDF)

Go To PDF Page Download Datasheet
DKT30CHSDPD Datasheet PDF - StarTech.com Ltd.

Part # DKT30CHSDPD
Download  DKT30CHSDPD Click to download

File Size   139.78 Kbytes
Page   5 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description USB C Multiport Adapter - USB-C to 4K HDMI, 100W Power Delivery Pass-through, SD/MicroSD Slot, 3-Port USB 3.0 Hub - USB Type-C Mini Dock - 12" (30cm) Long Attached Cable

DKT30CHSDPD Datasheet (HTML) - StarTech.com Ltd.


DKT30CHSDPD Product details

Features
• 6-IN-1 MULTIPORT ADAPTER: USB-C multiport adapter w/ HDMI 4K 30Hz video output, 2x USB-A (USB 3.1 Gen
1 5Gbps & BC 1.2 charging), 1x USB-C (Data + 100W Power Delivery 3.0), MicroSD & SD Card Reader; works w/
ultra-wide monitors up to 3440x1440 @60Hz
• EXTRA LONG CABLE: USB C mini dock with 12" (30cm) attached cable for extended reach to reduce
port/connector strain on 2-in-1 devices like Surface Pro 7, iPad Pro, HP Elite x2 & laptops on riser stands
• RELIABLE PERFORMANCE: USB bus powered or via external USB-C power adapter; 100W Power Delivery 3.0
pass through w/ 12W reserved for adapter to avoid video flickering, device dropouts or overdrawing power common
in other hubs; up to 88W for laptop charging
• WIDE COMPATIBILITY: Fully compatible with USB-C laptops, ultrabooks & Chromebooks, plus Thunderbolt 3
laptops from HP, Dell, Lenovo, MacBooks (Intel processor and M1 chip), and Surface; works w/ Windows, macOS,
iPadOS, Android and Chrome OS
• PORTABLE & COMPACT: Portable USB Type-C multiport adapter is designed for easy transport in a laptop bag for
convenient on-the-go use between office, home office, shared office spaces, and business travel




Similar Part No. - DKT30CHSDPD

ManufacturerPart #DatasheetDescription
logo
StarTech.com Ltd.
DKT30CHSDPD1 STARTECH-DKT30CHSDPD1 Datasheet
142Kb / 5P
USB C Multiport Adapter - USB-C to 4K 60Hz HDMI 2.0, 100W Power Delivery Pass-through,SD/MicroSD, 2-Port USB 3.0 Hub, GbE - USB Type-C Mini Dock - 12" Long Attached Cable
More results


Similar Description - DKT30CHSDPD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MC000996 ETC2-MC000996 Datasheet
219Kb / 1P
USB C to USB C Cable
logo
Tripp Lite. All Rights ...
U444-06N-H4GU-C TRIPPLITE-U444-06N-H4GU-C Datasheet
518Kb / 2P
USB 3.1 Gen 1 USB-C to HDMI External Video Adapter with USB-A Hub, USB-C Charging Port & Gigabit Ethernet Port, 4K x 2K
U444-06N-H4U-C TRIPPLITE-U444-06N-H4U-C Datasheet
515Kb / 2P
USB 3.1 Gen 1 USB-C to HDMI External Video Adapter with USB-A Hub and USB-C Charging Port, 4K x 2K
U444-06N-HU-C TRIPPLITE-U444-06N-HU-C Datasheet
516Kb / 2P
USB 3.1 Gen 1 USB-C to HDMI External Video Adapter with USB-A Hub and USB-C Charging Port, 1080p
logo
Phihong USA Inc.
AQ36A-59FA PHIHONG-AQ36A-59FA Datasheet
130Kb / 3P
36 Watt USB Power Delivery 3.0 Adapter with USB-C
AQ45A-59FA PHIHONG-AQ45A-59FA Datasheet
118Kb / 3P
45 Watt USB Power Delivery 3.0 Adapter with USB-C
logo
Tripp Lite. All Rights ...
U444-T6N-H4UBC TRIPPLITE-U444-T6N-H4UBC Datasheet
168Kb / 4P
USB 3.1 Gen 1 USB-C Adapter with PD Charging - 100W, Self-Storage Cable, Ultra 4K HDMI & USB-A Hub Port, Black
U442-DOCK5D-GY TRIPPLITE-U442-DOCK5D-GY Datasheet
167Kb / 4P
USB-C Docking Station - HDMI 4K @ 30 Hz, USB-AC, GbE, SD/Micro SD, PD Charging 3.0, USB-C Cable, Gray
U442-DOCK17-GY TRIPPLITE-U442-DOCK17-GY Datasheet
199Kb / 4P
USB-C Dock, Single Display - 4K HDMI, USB 3.2 Gen 1, USB-A/USB-C Hub, SATA III, 100W PD Charging, Gray
U460-002-2AM-C1 TRIPPLITE-U460-002-2AM-C1 Datasheet
161Kb / 3P
USB-C Multiport Adapter, 2x USB-A and 1X USB-C Ports, Card Reader, USB 3.0, Silver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com