Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DKT30CMHSDPD Datasheet (PDF) - StarTech.com Ltd.

DKT30CMHSDPD Datasheet PDF - StarTech.com Ltd.
Part # DKT30CMHSDPD
Download  DKT30CMHSDPD Download
File Size   134.46 Kbytes
Page   5 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description USB C Multiport Adapter for MacBook Pro/Air - USB Type-C to 4K HDMI, 100W Power Delivery Pass-through, SD/MicroSD Slot, 2-Port USB 3.0 Hub - Portable USB-C Mini Dock

DKT30CMHSDPD Datasheet (PDF)

Go To PDF Page Download Datasheet
DKT30CMHSDPD Datasheet PDF - StarTech.com Ltd.

Part # DKT30CMHSDPD
Download  DKT30CMHSDPD Click to download

File Size   134.46 Kbytes
Page   5 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description USB C Multiport Adapter for MacBook Pro/Air - USB Type-C to 4K HDMI, 100W Power Delivery Pass-through, SD/MicroSD Slot, 2-Port USB 3.0 Hub - Portable USB-C Mini Dock

DKT30CMHSDPD Datasheet (HTML) - StarTech.com Ltd.


DKT30CMHSDPD Product details

Features
• 5-IN-1 FUNCTIONALITY: USB-C multiport adapter with HDMI 4K 30Hz video output, USB 3.1/3.2 Gen 1 Hub
5Gbps with 1x USB-A (BC 1.2 fast charge) and 1x USB-C (Power + Data), SD and MicroSD (SD) card reader slots,
and 100W Power Delivery
• CABLE-FREE USB-C HOST CONNECTION: Built-in retractable USB-C connector w/ a sliding switch for a tighter
cableless connection on MacBook Pro 2018/2019, MacBook Air 2020 (Intel processor/M1 chip); designed to use 1
port, leaving a TB3 port for accessories
• RELIABLE PERFORMANCE: USB bus powered or via external USB-C power adapter; 100W Power Delivery 3.0
pass through with 8W reserved for adapter to avoid video flickering, device dropouts or overdrawing power common
in other hubs; up to 92W for laptop charging
• PORTABLE & COMPACT: Docking station with slim design for easy transport in laptop bag with USB-C port
conveniently recessed away, or optionally left connected to laptop for convenient on-the-go use, business travel or
work from home
• WIDE COMPATIBILITY: Automatic driver installation for easy setup, this universal USB Type-C multiport adapter
supports all major operating systems like Windows, macOS, iPadOS, Chrome OS; works w/ Thunderbolt 3 and
USB-C tablets, Chromebooks, and laptops




Similar Part No. - DKT30CMHSDPD

ManufacturerPart #DatasheetDescription
logo
StarTech.com Ltd.
DKT30CHPD3 STARTECH-DKT30CHPD3 Datasheet
149Kb / 4P
USB C Multiport Adapter - USB-C to HDMI 2.0b 4K 60Hz (HDR10), 100W Power Delivery Pass-Through, 4-Port USB 3.0 Hub - USB Type-C Mini Dock - 12" (30cm) Long Attached Cable
DKT30CHSDPD STARTECH-DKT30CHSDPD Datasheet
139Kb / 5P
USB C Multiport Adapter - USB-C to 4K HDMI, 100W Power Delivery Pass-through, SD/MicroSD Slot, 3-Port USB 3.0 Hub - USB Type-C Mini Dock - 12" (30cm) Long Attached Cable
DKT30CHSDPD1 STARTECH-DKT30CHSDPD1 Datasheet
142Kb / 5P
USB C Multiport Adapter - USB-C to 4K 60Hz HDMI 2.0, 100W Power Delivery Pass-through,SD/MicroSD, 2-Port USB 3.0 Hub, GbE - USB Type-C Mini Dock - 12" Long Attached Cable
DKT30CHVAUSP STARTECH-DKT30CHVAUSP Datasheet
147Kb / 5P
USB C Multiport Adapter - USB-C Mini Travel Dockw/ 4K HDMI or 1080p VGA - 3x USB 3.0 Hub, SDCard Reader, GbE, Audio, 100W PD - Portable Docking Station for Laptop/Tablet
DKT30CHVPD2 STARTECH-DKT30CHVPD2 Datasheet
151Kb / 5P
USB-C Multiport Adapter - USB-C to 4K 30Hz HDMI or 1080p VGA - USB Type-C Mini Dock w/100W Power Delivery Passthrough, 3-Port USB Hub 5Gbps, GbE - 12" (30cm) Attached Cable
More results


Similar Description - DKT30CMHSDPD

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
U460-004-4A TRIPPLITE-U460-004-4A Datasheet
515Kb / 2P
4-Port USB 3.1 Gen 1 Portable Hub - USB Type-C (USB-C) to (x4) USB-A, Aluminum
U444-06N-H4GU-C TRIPPLITE-U444-06N-H4GU-C Datasheet
518Kb / 2P
USB 3.1 Gen 1 USB-C to HDMI External Video Adapter with USB-A Hub, USB-C Charging Port & Gigabit Ethernet Port, 4K x 2K
U444-06N-H4U-C TRIPPLITE-U444-06N-H4U-C Datasheet
515Kb / 2P
USB 3.1 Gen 1 USB-C to HDMI External Video Adapter with USB-A Hub and USB-C Charging Port, 4K x 2K
U460-002-2AM-C TRIPPLITE-U460-002-2AM-C Datasheet
496Kb / 2P
2-Port USB 3.1 Gen 1 Portable Hub, USB-C to (x2) USB-A, USB-C Charging Port and Micro SD & SD/MMC Reader
logo
Phihong USA Inc.
AQ36A-59FA PHIHONG-AQ36A-59FA Datasheet
130Kb / 3P
36 Watt USB Power Delivery 3.0 Adapter with USB-C
AQ45A-59FA PHIHONG-AQ45A-59FA Datasheet
118Kb / 3P
45 Watt USB Power Delivery 3.0 Adapter with USB-C
logo
Tripp Lite. All Rights ...
U442-DOCK5-GY TRIPPLITE-U442-DOCK5-GY Datasheet
167Kb / 4P
USB-C Portable Docking Station - HDMI 4K @ 30Hz, USB-A/C, GbE, SD/Micro SD, PD Charging 3.0, Gray
U442-DOCK6-GY TRIPPLITE-U442-DOCK6-GY Datasheet
165Kb / 4P
USB-C Portable Docking Station - HDMI 4K @ 30Hz, VGA, USB-A/USB-C, GbE, PD Charging 3.0, Gray
U442-DOCK17-GY TRIPPLITE-U442-DOCK17-GY Datasheet
199Kb / 4P
USB-C Dock, Single Display - 4K HDMI, USB 3.2 Gen 1, USB-A/USB-C Hub, SATA III, 100W PD Charging, Gray
U460-002-2AM-C1 TRIPPLITE-U460-002-2AM-C1 Datasheet
161Kb / 3P
USB-C Multiport Adapter, 2x USB-A and 1X USB-C Ports, Card Reader, USB 3.0, Silver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com