Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP3965 Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP3965
Description  1.5A Fast Ultra Low Dropout Linear Regulators
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3965 Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button LP3965 Datasheet HTML 11Page - National Semiconductor (TI) LP3965 Datasheet HTML 12Page - National Semiconductor (TI) LP3965 Datasheet HTML 13Page - National Semiconductor (TI) LP3965 Datasheet HTML 14Page - National Semiconductor (TI) LP3965 Datasheet HTML 15Page - National Semiconductor (TI) LP3965 Datasheet HTML 16Page - National Semiconductor (TI) LP3965 Datasheet HTML 17Page - National Semiconductor (TI) LP3965 Datasheet HTML 18Page - National Semiconductor (TI) LP3965 Datasheet HTML 19Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
Applications Information (Continued)
Shutdown Operation
A CMOS Logic level signal at the shutdown ( SD) pin will
turn-off the regulator. Pin SD must be actively terminated
through a 10k
Ω pull-up resistor for a proper operation. If this
pin is driven from a source that actively pulls high and low
(such as a CMOS rail to rail comparator), the pull-up resistor
is not required. This pin must be tied to Vin if not used.
Dropout Voltage
The dropout voltage of a regulator is defined as the minimum
input-to-output differential required to stay within 2% of the
output voltage. The LP3962/LP3965 use an internal MOS-
FET with an Rds(on) of 240m
Ω (typically). For CMOS LDOs,
the dropout voltage is the product of the load current and the
Rds(on) of the internal MOSFET.
Reverse Current Path
The internal MOSFET in LP3962and LP3965 has an inher-
ent parasitic diode. During normal operation, the input volt-
age is higher than the output voltage and the parasitic diode
is reverse biased. However, if the output is pulled above the
input in an application, then current flows from the output to
the input as the parasitic diode gets forward biased. The
output can be pulled above the input as long as the current
in the parasitic diode is limited to 200mA continuous and 1A
peak.
Maximum Output Current Capability
LP3962 and LP3965 can deliver a continuous current of 1.5
A over the full operating temperature range. A heatsink may
be required depending on the maximum power dissipation
and maximum ambient temperature of the application. Under
all possible conditions, the junction temperature must be
within the range specified under operating conditions. The
total power dissipation of the device is given by:
P
D =(VIN−VOUT)IOUT+(VIN)IGND
where I
GND is the operating ground current of the device
(specified under Electrical Characteristics).
The maximum allowable temperature rise (T
Rmax) depends
on the maximum ambient temperature (T
Amax) of the appli-
cation, and the maximum allowable junction temperature(T
J-
max
):
T
Rmax =TJmax−TAmax
The maximum allowable value for junction to ambient Ther-
mal Resistance,
θ
JA, can be calculated using the formula:
θ
JA =TRmax /PD
LP3962 and LP3965 are available in TO-220, TO-263, and
SOT-223 packages. The thermal resistance depends on
amount of copper area or heat sink, and on air flow. If the
maximum allowable value of
θ
JA calculated above is ≥ 60
˚C/W for TO-220 package,
≥60 ˚C/W for TO-263 package,
and
≥ 140 ˚C/W for SOT-223 package, no heatsink is
needed since the package can dissipate enough heat to
satisfy these requirements. If the value for allowable
θ
JA falls
below these limits, a heat sink is required.
Heatsinking TO-220 Packages
The thermal resistance of a TO220 package can be reduced
by attaching it to a heat sink or a copper plane on a PC
board. If a copper plane is to be used, the values of
θ
JA will
be same as shown in next section for TO263 package.
The heatsink to be used in the application should have a
heatsink to ambient thermal resistance,
θ
HA≤θJA − θCH − θJC.
In this equation,
θ
CH is the thermal resistance from the
junction to the surface of the heat sink and
θ
JC is the thermal
resistance from the junction to the surface of the case.
θ
JC is
about 3˚C/W for a TO220 package. The value for
θ
CH de-
pends on method of attachment, insulator, etc.
θ
CH varies
between 1.5˚C/W to 2.5˚C/W. If the exact value is unknown,
2˚C/W can be assumed.
10126608
FIGURE 2. Improving remote load regulation using LP3965
www.national.com
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com