Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP3965 Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP3965
Description  1.5A Fast Ultra Low Dropout Linear Regulators
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3965 Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button LP3965 Datasheet HTML 10Page - National Semiconductor (TI) LP3965 Datasheet HTML 11Page - National Semiconductor (TI) LP3965 Datasheet HTML 12Page - National Semiconductor (TI) LP3965 Datasheet HTML 13Page - National Semiconductor (TI) LP3965 Datasheet HTML 14Page - National Semiconductor (TI) LP3965 Datasheet HTML 15Page - National Semiconductor (TI) LP3965 Datasheet HTML 16Page - National Semiconductor (TI) LP3965 Datasheet HTML 17Page - National Semiconductor (TI) LP3965 Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
Applications Information (Continued)
has a built in hysteresis. The timing diagram in
Figure 1
shows the relationship between the ERROR and the output
voltage. In this example, the input voltage is changed to
demonstrate the functionality of the Error Flag.
The internal Error flag comparator has an open drain output
stage. Hence, the ERROR pin should be pulled high through
a pull up resistor. Although the ERROR pin can sink current
of 1mA, this current is energy drain from the input supply.
Hence, the value of the pull up resistor should be in the
range of 10k
Ω to 1MΩ. The ERROR pin must be con-
nected to ground if this function is not used. It should
also be noted that when the shutdown pin is pulled low, the
ERROR pin is forced to be invalid for reasons of saving
power in shutdown mode.
Sense Pin
In applications where the regulator output is not very close to
the load, LP3965 can provide better remote load regulation
using the SENSE pin.
Figure 2 depicts the advantage of the
SENSE option. LP3962 regulates the voltage at the output
pin. Hence, the voltage at the remote load will be the regu-
lator output voltage minus the drop across the trace resis-
tance. For example, in the case of a 3.3V output, if the trace
resistance is 100m
Ω, the voltage at the remote load will be
3.15V with 1.5 A of load current, I
LOAD. The LP3965 regu-
lates the voltage at the sense pin. Connecting the sense pin
to the remote load will provide regulation at the remote load,
as shown in
Figure 2. If the sense option pin is not required,
the sense pin must be connected to the V
OUT pin.
10126607
FIGURE 1. Error Flag Operation
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com