Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP3965 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP3965
Description  1.5A Fast Ultra Low Dropout Linear Regulators
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3965 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LP3965 Datasheet HTML 7Page - National Semiconductor (TI) LP3965 Datasheet HTML 8Page - National Semiconductor (TI) LP3965 Datasheet HTML 9Page - National Semiconductor (TI) LP3965 Datasheet HTML 10Page - National Semiconductor (TI) LP3965 Datasheet HTML 11Page - National Semiconductor (TI) LP3965 Datasheet HTML 12Page - National Semiconductor (TI) LP3965 Datasheet HTML 13Page - National Semiconductor (TI) LP3965 Datasheet HTML 14Page - National Semiconductor (TI) LP3965 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
Typical Performance Characteristics Unless otherwise specified, V
IN =VO(NOM) + 1V, VOUT= 2.5V,
COUT = 33µF, IOUT = 10mA, CIN = 68µF, VSD =VIN, and TA = 25˚C. (Continued)
δV
OUT vs Temperature
Noise Density V
IN = 3.5V, VOUT = 2.5V, IL =10 mA
10126639
10126640
Line Transient Response
Line Transient Response
10126641
10126642
Line Transient Response (I
OUT = 1.5A)
Line Transient Response (I
OUT = 1.5A)
10126643
10126644
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com