Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RPA50S-483.3SW/P Datasheet(PDF) 5 Page - Recom International Power

Part # RPA50S-483.3SW/P
Description  50Watt 1/16 Brick Single Output
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RPA50S-483.3SW/P Datasheet(HTML) 5 Page - Recom International Power

  RPA50S-483.3SW/P Datasheet HTML 1Page - Recom International Power RPA50S-483.3SW/P Datasheet HTML 2Page - Recom International Power RPA50S-483.3SW/P Datasheet HTML 3Page - Recom International Power RPA50S-483.3SW/P Datasheet HTML 4Page - Recom International Power RPA50S-483.3SW/P Datasheet HTML 5Page - Recom International Power RPA50S-483.3SW/P Datasheet HTML 6Page - Recom International Power RPA50S-483.3SW/P Datasheet HTML 7Page - Recom International Power RPA50S-483.3SW/P Datasheet HTML 8Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
DC/DC Converter
Specifications (measured @ ta = 25°C, nom. Vin, full load and after warm-up unless otherwise stated)
RPA50S-W
Series
PB-5
REV.: 0/2017
www.recom-power.com
Output Current [%]
0
0
20
3
-3
-2
2
-1
1
40
60
80
100
18V
36V
48V
75V
18V
36V
48V
75V
Output Current [%]
0
3
-3
-2
2
-1
1
0
20
40
60
80
100
18V
36V
48V
75V
Output Current [%]
0
3
-3
-2
2
-1
1
0
20
40
60
80
100
RPA50-483.3SW/P
RPA50-4805SW/P
Accuracy vs Load
RPA50-4812SW/P
PROTECTIONS
Parameter
Type
Value
Short Circuit Protection (SCP)
below 100m
Ω
hiccup mode, auto recovery
Over Voltage Protection (OVP)
3.3 & 5Vout
12Vout
115% - 140%, hiccup mode
120% - 150%, hiccup mode
Over Current Protection (OCP)
110% - 140%, hiccup mode
Over Temperature Protection (OTP)
130°C, hiccup mode
Isolation Voltage(4)
I/P to O/P
rated for 1 minute
2.25kVDC
Isolation Resistance
10M
Ω min.
Isolation Capacitance
1000pF typ.
Leakage Current
0.23mA max.
Insulation Grade
Basic
Notes:
Note4: For repeat Hi-Pot testing, reduce the time and/or the test voltage
Note5: An input fuse is required if the mains supply is not over-current protected. Recommended fuse T10A slow blow type



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com