Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RPA50S-483.3SW/P Datasheet(PDF) 2 Page - Recom International Power

Part # RPA50S-483.3SW/P
Description  50Watt 1/16 Brick Single Output
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RPA50S-483.3SW/P Datasheet(HTML) 2 Page - Recom International Power

  RPA50S-483.3SW/P Datasheet HTML 1Page - Recom International Power RPA50S-483.3SW/P Datasheet HTML 2Page - Recom International Power RPA50S-483.3SW/P Datasheet HTML 3Page - Recom International Power RPA50S-483.3SW/P Datasheet HTML 4Page - Recom International Power RPA50S-483.3SW/P Datasheet HTML 5Page - Recom International Power RPA50S-483.3SW/P Datasheet HTML 6Page - Recom International Power RPA50S-483.3SW/P Datasheet HTML 7Page - Recom International Power RPA50S-483.3SW/P Datasheet HTML 8Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
BASIC CHARACTERISTICS
Parameter
Condition
Min.
Typ.
Max.
Output Voltage Trimming
-20%
+10%
Minimum Load
0%
Start-up Time
Power up
Remote ON/OFF
30ms
30ms
ON/OFF CTRL
Positive Logic
3.3 & 5Vout
DC-DC ON
DC-DC OFF
Open or 2.4V < Vr < 18V
Short or 0V < Vr < 0.8V
12Vout
DC-DC ON
DC-DC OFF
Open or 2V < Vr < 18V
Short or 0V < Vr < 0.8V
Input Current of CTRL pin
1mA
Standby Current
6.5mA
Internal Operating Frequency
3.3 & 5Vout
12Vout
580kHz
440kHz
Output Ripple & Noise(3)
5MHz to 20MHz BW.
3.3 & 5Vout
12Vout
60mVp-p
100mVp-p
150mVp-p
Remote Sense
10%
continued on next page
PB-2
REV.: 0/2017
www.recom-power.com
DC/DC Converter
Specifications (measured @ ta = 25°C, nom. Vin, full load and after warm-up unless otherwise stated)
RPA50S-W
Series
18V
36V
48V
75V
Output Current [%]
0
0
10
10
20
20
30
30
40
40
50
50
60
60
70
70
80
80
90
90
100
100
Output Current [%]
0
10
10
0
20
20
30
30
40
40
50
50
60
60
70
70
80
80
90
90
100
100
18V
36V
48V
75V
Efficiency vs. Output Current
Efficiency vs. Output Current
RPA50S-483.3SW/P
RPA50S-4805SW/P
Output Current [%]
2
1
3
10
20
30
40
50
60
70
80
90
100
0
4
5
7
8
9
10
6
18V
36V
48V
75V
Output Current [%]
2
1
3
10
20
30
40
50
60
70
80
90
100
0
0
4
5
6
7
8
9
10
18V
36V
48V
75V
Power Dissipation vs. Output Current
Power Dissipation vs. Output Current
Notes:
Note3: measured with 1µF ceramic and 10µF tantalum in parallel accross O/P



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com