Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RPA50S-483.3SW/P Datasheet(PDF) 4 Page - Recom International Power

Part # RPA50S-483.3SW/P
Description  50Watt 1/16 Brick Single Output
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RPA50S-483.3SW/P Datasheet(HTML) 4 Page - Recom International Power

  RPA50S-483.3SW/P Datasheet HTML 1Page - Recom International Power RPA50S-483.3SW/P Datasheet HTML 2Page - Recom International Power RPA50S-483.3SW/P Datasheet HTML 3Page - Recom International Power RPA50S-483.3SW/P Datasheet HTML 4Page - Recom International Power RPA50S-483.3SW/P Datasheet HTML 5Page - Recom International Power RPA50S-483.3SW/P Datasheet HTML 6Page - Recom International Power RPA50S-483.3SW/P Datasheet HTML 7Page - Recom International Power RPA50S-483.3SW/P Datasheet HTML 8Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
PB-4
REV.: 0/2017
www.recom-power.com
DC/DC Converter
Specifications (measured @ ta = 25°C, nom. Vin, full load and after warm-up unless otherwise stated)
RPA50S-W
Series
REMOTE SENSE
RPA50S-483.3SW/P
RPA50S-4805SW/P
RPA50S-4812SW/P
Trim Down all Vout‘s
Trim up
1
2
3
4
5
6
7
8
9
10
%
Vout =
3.33
3.37
3.40
3.43
3.47
3.50
3.53
3.57
3.60
3.63
Volts
R
1 =
845
432
287
215
174
143
124
110
97.60
88.7
kOhms
Trim up
1
2
3
4
5
6
7
8
9
10
%
Vout =
5.05
5.10
5.15
5.20
5.25
5.30
5.35
5.4
5.45
5.50
Volts
R
1 =
1540
787
523
402
324
267
232
205
182
165
kOhms
Trim up
1
2
3
4
5
6
7
8
9
10
%
Vout =
12.12
12.24
12.36
12.48
12.60
12.72
12.84
12.96
13.08
13.20
Volts
R
1 =
4530
2280
1540
1150
931
787
681
604
536
487
kOhms
Trim down
1
2
3
4
5
6
7
8
9
10
%
R
2 =
499
243
162
118
93.1
75.0
63.4
53.6
46.4
41.2
kOhms
Trim down
11
12
13
14
15
16
17
18
19
20
%
R
2 =
36.5
33.2
29.4
26.1
23.7
21.7
20.0
18.20
16.9
15.0
kOhms
+Vout
+Vin
-Vin
-Vout
(GND)
+Sense
RW1
RW2
R1
R2
-Sense
Trim
RW1 ... wire losses +
RW2 ... wire losses -
R1 ... trim up resistor
R2 ... trim down resistor
The output voltage can be adjusted by both trim and remote sense. The
maximum combined adjustment range ±10%. Derate the maximum out-
put power if using the trim or sense function.
REGULATIONS
Parameter
Condition
Value
Output Accuracy
±3.0%
Line Regulation
3.3Vout
5 & 12Vout
±0.3% max.
±0.1% max.
Load Regulation
0% - 100% load
3.3Vout
5Vout
12Vout
±0.3% max.
±0.2% max.
±0.1% max.
Transient Response
3.3 & 5Vout
25% to 50% load step change
50% to 25% load step change
setting time
100mV typ.
100mV typ.
200µs typ.
12Vout
25% to 50% load step change
50% to 25% load step change
setting time
400mV typ.
400mV typ.
500µs typ.
continued on next page



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com