Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PICDEM2 Datasheet(PDF) 41 Page - Microchip Technology

Part # PICDEM2
Description  simple board
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PICDEM2 Datasheet(HTML) 41 Page - Microchip Technology

Back Button PICDEM2 Datasheet HTML 37Page - Microchip Technology PICDEM2 Datasheet HTML 38Page - Microchip Technology PICDEM2 Datasheet HTML 39Page - Microchip Technology PICDEM2 Datasheet HTML 40Page - Microchip Technology PICDEM2 Datasheet HTML 41Page - Microchip Technology PICDEM2 Datasheet HTML 42Page - Microchip Technology PICDEM2 Datasheet HTML 43Page - Microchip Technology PICDEM2 Datasheet HTML 44Page - Microchip Technology PICDEM2 Datasheet HTML 45Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 60 page
background image
PICDEM 2 User’s Guide
DS30374D-page 36
 2001 Microchip Technology Inc.
6.1.3.
DEC_TABL Routine (kbd4bit.asm)
This routine is basically a look-up table that returns the ASCII value of the
received keypress.
6.1.4.
LCDInit Routine (lcd4bit.asm)
This routine initializes the LCD module.
Figure 6.6: LCD Initialization Routine
6.1.5.
SetupDelay Routine (lcd4bit.asm)
This routine is basically a decrementing variable loop. The variable is
initialized with a value and then decremented in a loop until it reaches zero
value. Then it jumps out of the loop and returns to the calling routine.
6.1.6.
SendCmd Routine (lcd4bit.asm)
This routine sends a command to the LCD. It splits the command into upper
and lower nibbles (4 bits) and sends these to the LCD, upper nibble first.
6.1.7.
BusyCheck Routine (lcd4bit.asm)
This routine checks the LCD busy flag. It returns only when not busy.
6.1.8.
SendChar Routine (lcd4bit.asm)
This routine sends a character to the LCD. It splits the character into upper
and lower nibbles (4 bits) and sends these to the LCD, upper nibble first.
4-bit interface, 2 lines of 5 x 7 characters
Display on, cursor on
Clear display
Set entry mode inc, no shift
Address DDRAM upper left
Send commands to LCD (SendCmd)
Return
Configure PORTA
Configure PORTD
Power-up and Set-up Sequence
(SetupDelay)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com