Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1839EEP Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX1839EEP
Description  Wide Brightness Range CCFL Backlight Controllers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1839EEP Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX1839EEP Datasheet HTML 1Page - Maxim Integrated Products MAX1839EEP Datasheet HTML 2Page - Maxim Integrated Products MAX1839EEP Datasheet HTML 3Page - Maxim Integrated Products MAX1839EEP Datasheet HTML 4Page - Maxim Integrated Products MAX1839EEP Datasheet HTML 5Page - Maxim Integrated Products MAX1839EEP Datasheet HTML 6Page - Maxim Integrated Products MAX1839EEP Datasheet HTML 7Page - Maxim Integrated Products MAX1839EEP Datasheet HTML 8Page - Maxim Integrated Products MAX1839EEP Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
Wide Brightness Range
CCFL Backlight Controllers
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(V+ = 8.2V, VSH/SUS = VSH = 5.5V, MINDAC = GND, TA = 0°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
DAC AND ERROR AMPLIFIER
DAC Resolution
Guaranteed monotonic
5
Bits
MINDAC Input Voltage Range
0
2
V
MINDAC Input Bias Current
0 < VMINDAC < 2V
-1
1
µA
MINDAC Digital PWM Disable
Threshold
MINDAC = VL
2.4
2.9
4
V
CSAV Input Voltage Range
0
0.8
V
VMINDAC = 0, DAC code = 11111 binary
188
194
200
VMINDAC = 0, DAC code = 00001 binary
2
6.25
16
CSAV Regulation Point
VMINDAC = 1V, DAC code = 00000 binary
93
100
110
mV
CSAV Input Bias Current
-1
1
µA
CSAV to CCI Transconductance
1V < VCCI < 2.7V
100
µmho
CTFB Input Voltage Range
0
2
V
CTFB Input Bias Current
-1
1
µA
CTFB Regulation Point
570
600
630
mV
CTFB to CCV Transconductance
1V < VCCV < 2.7V
30
40
50
µmho
TIMERS AND FAULT DETECTION
Chopping Oscillator Frequency
No AC signal on MODE, not synchronized
24
28
32
kHz
No AC signal on MODE
205
220
235
32kHz AC signal on MODE
250
Digital PWM Chop-Mode Frequency
100kHz AC signal on MODE
781
Hz
MODE to DPWM Sync Ratio
FMODE / FDPWM
128
No AC signal on MODE
2.06
2.33
2.73
32kHz AC signal on MODE
2.05
Lamp-Out Detection Timeout Timer
(Center-Tap Voltage Stuck at
Maximum) (Note 1)
VCSAV < CSAV
lamp-out
threshold
100kHz AC signal on MODE
0.66
s
CSAV Lamp-Out Threshold
50
75
100
mV
Fault-Detection Threshold on CCV
(Note 2)
0.4
1
V
No AC signal on MODE
332
291
259
32kHz AC signal on MODE
256
Shorted Buck-Switch Detection
Timeout Timer (UL1950 Protection)
(Note 3)
VCCV < fault-
detection
threshold on CCV
100kHz AC signal on MODE
82
ms
Lamp Turn-On Delay
After
SH/SUS or SH forces device on or SH rises
4
ms
MODE Operating Voltage Range
-5.5
11
V
MODE = GND Threshold
(min Brightness = 0)
To sync DPWM oscillator, not in shutdown
(Note 4)
0.6
V
MODE = REF Threshold
(max Brightness = 0)
To sync DPWM oscillator, not in shutdown
(Note 4)
1.4
2.6
V
MODE = VL Threshold
(MAX1739 SMB Interface Mode)
To sync DPWM oscillator, not in shutdown
(Note 4)
VL - 0.6
V
MODE AC Signal Amplitude
Peak to peak (Note 5)
2
V
MODE AC Signal Synchronization
Range
Chopping oscillator synchronized to MODE AC
signal
32
100
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com