Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1839EEP Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX1839EEP
Description  Wide Brightness Range CCFL Backlight Controllers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1839EEP Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX1839EEP Datasheet HTML 1Page - Maxim Integrated Products MAX1839EEP Datasheet HTML 2Page - Maxim Integrated Products MAX1839EEP Datasheet HTML 3Page - Maxim Integrated Products MAX1839EEP Datasheet HTML 4Page - Maxim Integrated Products MAX1839EEP Datasheet HTML 5Page - Maxim Integrated Products MAX1839EEP Datasheet HTML 6Page - Maxim Integrated Products MAX1839EEP Datasheet HTML 7Page - Maxim Integrated Products MAX1839EEP Datasheet HTML 8Page - Maxim Integrated Products MAX1839EEP Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
Wide Brightness Range
CCFL Backlight Controllers
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(V+ = 8.2V, VSH/SUS = VSH = 5.5V, MINDAC = GND, TA = 0°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VBATT to GND ...........................................................-0.3V to 30V
VBST, VSYNC to GND.................................................-0.3V to 34V
VBST to VLX .................................................................-0.3V to 6V
VDH to VLX.................................................-0.3V to (VBST + 0.3V)
VLX to GND...................................................-6V to (VBST + 0.3V)
VL to GND...................................................................-0.3V to 6V
VCCV, VCCI, VREF, VDL1, VDL2 to GND .........-0.3V to (VL + 0.3V)
VMINDAC, VCTFB, VCSAV to GND ................................-0.3V to 6V
VCS to GND...................................................-0.6V to (VL + 0.3V)
VMODE to GND.............................................................-6V to 12V
VCRF/SDA, VCRF, VCTL/SCL, VCTL, VSH/SUS,
V SH to GND ............................................................-0.3V to 6V
Continuous Power Dissipation (TA = +70°C)
20-Pin QSOP (derate 9.1mW/°C above +70°C)...........727mW
Operating Temperature .......................................-40°C to +85°C
Storage Temperature.........................................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
SUPPLY AND REFERENCE
VL = VBATT
4.6
5.5
VBATT Input Voltage Range
VL = open
6
28
V
VBATT = 28V
3.2
6
VBATT Quiescent Current, Operation
with Full Duty Cycle on DH
DH = DL1 = DL2 = open
VBATT = VL = 5V
3.2
6
mA
VBATT Quiescent Current, Shutdown
SH/SUS = SH = GND
6
20
µA
VL Output Voltage, Normal Operation
6V < VBATT < 28V, 0 < ILOAD < 15mA
5.0
5.35
5.5
V
VL Output Voltage, Shutdown
SH/SUS = SH = GND, no load
3.5
4.5
5.5
V
VL rising (leaving lockout)
4.6
VL Undervoltage Lockout Threshold
VL falling (entering lockout)
4.0
V
VL Undervoltage Lockout Hysteresis
300
mV
REF Output Voltage, Normal
Operation
4.5V < VL < 5.5V, IREF = 40
µA
1.96
2.00
2.04
V
VL POR Threshold
0.9
2.7
V
SWITCHING REGULATOR
DH Driver On-Resistance
18
Ω
DL1, DL2 Driver On-Resistance
18
Ω
Minimum DH Switching Frequency
1/tDH, SYNC = CS or GND, not synchronized
49
56
64
kHz
DH Minimum Off-Time
250
375
500
ns
DH Maximum Duty Cycle
98
%
SYNC Synchronization Range
Detect falling edges on SYNC
64
200
kHz
SYNC Input Current
0 < VSYNC < 30V
-2
2
µA
SYNC Input Threshold
SYNC falling, referred to CS
400
500
600
mV
SYNC Input Hysteresis
Referred to the SYNC input threshold
50
100
150
mV
SYNC Threshold Crossing to DL1,
DL2 Toggle Delay
VSYNC = 0 to 5V, CDL_1 and CDL_2 < 100pF,
50% point on SYNC to 50% point on DL1 or DL2
120
ns
CS Overcurrent Threshold
408
450
492
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com