Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1839EEP Datasheet(PDF) 16 Page - Maxim Integrated Products

Part # MAX1839EEP
Description  Wide Brightness Range CCFL Backlight Controllers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1839EEP Datasheet(HTML) 16 Page - Maxim Integrated Products

Back Button MAX1839EEP Datasheet HTML 12Page - Maxim Integrated Products MAX1839EEP Datasheet HTML 13Page - Maxim Integrated Products MAX1839EEP Datasheet HTML 14Page - Maxim Integrated Products MAX1839EEP Datasheet HTML 15Page - Maxim Integrated Products MAX1839EEP Datasheet HTML 16Page - Maxim Integrated Products MAX1839EEP Datasheet HTML 17Page - Maxim Integrated Products MAX1839EEP Datasheet HTML 18Page - Maxim Integrated Products MAX1839EEP Datasheet HTML 19Page - Maxim Integrated Products MAX1839EEP Datasheet HTML 20Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
Wide Brightness Range
CCFL Backlight Controllers
16
______________________________________________________________________________________
optimized using R14 and R15 as shown in Figure 7.
The resistor-divider can be used to force commutation
as close to the zero-crossing point as possible.
POR and UVLO
The MAX1739/MAX1839 include power-on reset (POR)
and undervoltage lockout (UVLO) features. The POR
resets all internal registers, such as DAC output, fault
conditions, and all SMBus registers. POR occurs when
VL is below 1.5V. The SMBus input logic thresholds are
designed to meet electrical characteristic limits for VL
as low as 3.5V, but the interface will continue to func-
tion down to the POR threshold.
The UVLO threshold occurs when VL is below 4.2V
(typ) and disables the buck-switch driver.
Low-Power Shutdown
When the MAX1739/MAX1839 are placed in shutdown,
all IC functions are turned off except the 5V linear regu-
lator that powers all internal registers and the SMBus
interface (MAX1739). The SMBus interface is accessi-
ble in shutdown. In shutdown, the linear regulator out-
put voltage drops to about 4.5V and the supply current
is 6µA (typ), which is the required power to maintain all
internal register states. While in shutdown, lamp-out
detection and buck-switch short-circuit detection latch-
es are reset. The device can be placed into shutdown
by either writing to the MODE register (MAX1739
SMBus mode only) or with SH/SUS.
Lamp-Out Detection
For safety, during a lamp-out condition, the MAX1739/
MAX1839 limit the maximum average primary-side
transformer voltage (see Sense Resistors) and shut
down the lamp after 2s.
The lamp-out detection circuitry monitors VCSAV and
shuts down the lamp if VCSAV does not exceed 75mV
(typ) within 2 seconds. This circuitry ignores most puls-
es under 200ns. However, in some cases, a small
capacitor is needed at CSAV to prevent noise from trip-
ping the circuitry. This is especially true in noisy envi-
ronments and in designs with marginal layout.
Ideally, the voltage at CSAV is a half-wave rectified sine
wave. In this case, the CSAV lamp-out threshold is as
follows:
IMIN = IMAX / 6
where IMIN is the CSAV lamp out threshold, and IMAX is
the maximum lamp current (see Sense Resistors). Note:
The formulas assume a worst-case CSAV lamp-out
threshold of 100mV and a maximum CSAV average
voltage of 200mV.
Use MINDAC or limit the brightness code to prevent
setting the lamp current below the CSAV lamp-out
threshold.
STATUS1 bit sets when the lamp-out detection circuit
shuts down the device.
Buck-Switch Short Fault Detection
and Protection
When the buck switch (N1) fails short, there is no volt-
age limiting on the transformer and the input forces
excessive voltage on the transformer secondary. This
Figure 6. DPWM Synchronization
MODE
GND
DPWM
SYNCHRONIZATION
SIGNAL
10k
500pF
ADC-
ADC+
SMBus
VL
REF
MAX1739
MAX1839
Figure 7. Adjusting the ZVC Detection
SYNC
R14
R15
R4
R5
REF
CTFB
LX
L1
T1
GND
MAX1739
MAX1839



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com