Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STLED524 Datasheet(PDF) 30 Page - STMicroelectronics

Part # STLED524
Description  Intelligent matrix LED display driver
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLED524 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button STLED524 Datasheet HTML 26Page - STMicroelectronics STLED524 Datasheet HTML 27Page - STMicroelectronics STLED524 Datasheet HTML 28Page - STMicroelectronics STLED524 Datasheet HTML 29Page - STMicroelectronics STLED524 Datasheet HTML 30Page - STMicroelectronics STLED524 Datasheet HTML 31Page - STMicroelectronics STLED524 Datasheet HTML 32Page - STMicroelectronics STLED524 Datasheet HTML 33Page - STMicroelectronics STLED524 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 72 page
background image
Detailed description
STLED524
30/72
DocID026217 Rev 1
A delay and a slope cycle time can be specified for each dot of the matrix separately.
The delay is set by PnDLYxx bits, n is a pattern number (see Section 4.4) and xx are the
coordinates of a dot.
Slope cycle time is set by PnCYCxx bits, n is a pattern number (see Section 4.4) and xx are
the coordinates of a dot.
PWM duty cycle is incremented / decremented during slope operation in steps stated in
Table 32. If the final value of PWM duty cycle given by the value in PWM duty register is not
a multiple of the duty cycle step, then last step in phase 1 is truncated to reach the final
value of PWM duty cycle given by PWM duty register. Therefore, last step in phase 3 is
truncated to reach 0 duty cycle. See Figure 8.
Table 33. Delay duration
PnDLYxx
Delay time
00
No delay
01
1/4 of the slope cycle time
10
1/2 of the slope cycle time
11
3/4 of the slope cycle time
Table 34. Slope cycle duration
PnCYCxx
Cycle time [s]
Duration of one phase [s]
Duty cycle step
00
0
0
0
01
1.456
0.364
3
10
2.184
0.546
2
11
4.367
1.092
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com