Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STLED524 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STLED524
Description  Intelligent matrix LED display driver
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLED524 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STLED524 Datasheet HTML 6Page - STMicroelectronics STLED524 Datasheet HTML 7Page - STMicroelectronics STLED524 Datasheet HTML 8Page - STMicroelectronics STLED524 Datasheet HTML 9Page - STMicroelectronics STLED524 Datasheet HTML 10Page - STMicroelectronics STLED524 Datasheet HTML 11Page - STMicroelectronics STLED524 Datasheet HTML 12Page - STMicroelectronics STLED524 Datasheet HTML 13Page - STMicroelectronics STLED524 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 72 page
background image
Application schematic
STLED524
10/72
DocID026217 Rev 1
Table 3. Pin description
Name
Pin
Description
VBAT1
A5
LDO supply voltage connection(1)
1.
Both VBAT1 and VBAT2 have to be supplied, even though LDO is not used to supply other devices.
VBAT2
C5
Supply voltage connection(1)
SW
B6, B7
Coil connection
VOUT
C6, C7
Step-up converter output voltage
VSUP
A4
LDO output voltage
ROW 0-4
D7, E7, F7, G7,
H7
Matrix row connections
COL 0-23
D4,D5 E1-E6, F1-
F6, G1-G3, G5-
G6, H1-H3, H5-
H6
Matrix column connections
PGND
A6, A7
Power ground
AGND1
D6
Analog ground 1
AGND2
G4, H4
Analog ground 2
GND
A1
Ground
VDD
A2
Logic supply voltage
VIO
D1
I/O pin supply voltage
RESET/PWRDN
A3
Reset input, active low. When low, the device is in
shutdown mode
MISO
C1
Master IN slave OUT (SPI bus)
MOSI
C2
Master OUT slave IN (SPI bus)
SS
D3
Slave select (SPI bus)
SCK
B3
SPU bus clock
CLKIN
B2
Clock input
CLKOUT
B1
Clock output
SYNC
D2
Synchronization input
INT
C3
Interrupt open drain output
LDOGND
B5
Boost output voltage setup resistor connection
ISET
B4
Reference current adjustment resistor connection
TEST
C4
Test input. It has to be connected to GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com