Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STLED524 Datasheet(PDF) 68 Page - STMicroelectronics

Part # STLED524
Description  Intelligent matrix LED display driver
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLED524 Datasheet(HTML) 68 Page - STMicroelectronics

Back Button STLED524 Datasheet HTML 64Page - STMicroelectronics STLED524 Datasheet HTML 65Page - STMicroelectronics STLED524 Datasheet HTML 66Page - STMicroelectronics STLED524 Datasheet HTML 67Page - STMicroelectronics STLED524 Datasheet HTML 68Page - STMicroelectronics STLED524 Datasheet HTML 69Page - STMicroelectronics STLED524 Datasheet HTML 70Page - STMicroelectronics STLED524 Datasheet HTML 71Page - STMicroelectronics STLED524 Datasheet HTML 72Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 68 / 72 page
background image
Application information
STLED524
68/72
DocID026217 Rev 1
6.3
Multiple devices in cascade
The STLED524 multiple devices can be linked in cascade according to Figure 30.
Figure 30. STLED524 cascade
•
Each device in cascade needs a controlled SS input separately.
•
RESET/PWRDN, SYNC, SCK, MISO and MOSI pins are connected in parallel.
•
CLKOUT of nth device is connected to CLKIN of the (n+1)th device.
•
CLKIN of the 1st device does not have to be connected, if internal clock of the 1st
device is used to provide clock for the whole cascade.
•
Another possibility for CLOCK signal is to connect all CLKIN pins to an external clock.
6.3.1
Register setup for the STLED524 cascade
Position means position of the device in cascade:
CLKIN bit of the first device is set to 0, because the first device uses its internal clock.
CLKOUT bit of the last device is set to 0, because there is no other device connected.
SYNCEN bit of all devices has to be set to 1.
SYNCSEL bit can be either 0 or 1, but the value has to be the same as all devices in
cascade.
GIPG2103141214LM
Table 71. Cascade register setup
Position
CLKIN
CLKOUT
SYNCEN
SYNCSEL
10
1
1
X
2 to (n-1)
1
1
1
X
n1
0
1
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com