Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC1020-RTR1 Datasheet(PDF) 81 Page - Texas Instruments

Part # CC1020-RTR1
Description  Low-Power RF Transceiver for Narrowband Systems
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC1020-RTR1 Datasheet(HTML) 81 Page - Texas Instruments

Back Button CC1020-RTR1 Datasheet HTML 77Page - Texas Instruments CC1020-RTR1 Datasheet HTML 78Page - Texas Instruments CC1020-RTR1 Datasheet HTML 79Page - Texas Instruments CC1020-RTR1 Datasheet HTML 80Page - Texas Instruments CC1020-RTR1 Datasheet HTML 81Page - Texas Instruments CC1020-RTR1 Datasheet HTML 82Page - Texas Instruments CC1020-RTR1 Datasheet HTML 83Page - Texas Instruments CC1020-RTR1 Datasheet HTML 84Page - Texas Instruments CC1020-RTR1 Datasheet HTML 85Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 95 page
background image
CC1020
www.ti.com
SWRS046H – NOVEMBER 2006 – REVISED MARCH 2015
Table 5-61. AFC Register (43h, Read Only)
DEFAULT
REGISTER
NAME
ACTIVE
DESCRIPTION
VALUE
AFC[7 :0]
AFC[7:0]
Average received frequency deviation from IF. This 8-bit 2-complement
signed value equals the demodulator decision level and can be used
for AFC.
The average frequency offset from the IF frequency is
ΔF = Baud rate × AFC / 16
Table 5-62. GAUSS_FILTER Register (44h)
DEFAULT
REGISTER
NAME
ACTIVE
DESCRIPTION
VALUE
GAUSS_FILTER[7 :0]
GAUSS_FILTER[7:0]
Readout of instantaneous IF frequency offset from nominal
IF. Signed 8-bit value.
ΔF = Baud rate × GAUSS_FILTER / 8
Table 5-63. STATUS1 Register (45h, for Test Only)
DEFAULT
REGISTER
NAME
ACTIVE
DESCRIPTION
VALUE
STATUS1[7:4]
CAL_DAC[3:0]
Status vector defining applied Calibration DAC value
STATUS1[3:0]
CHP_CURRENT[3:0]
Status vector defining applied CHP_CURRENT value
Table 5-64. STATUS2 Register (46h, for Test Only)
DEFAULT
REGISTER
NAME
ACTIVE
DESCRIPTION
VALUE
STATUS2[7:5]
CC1020_VERSION[2:0]
CC1020 version code:
0 : Pre-production version
1: First production version
2 through 7: Reserved for future use
STATUS2[4:0]
VCO_ARRAY[4:0]
Status vector defining applied VCO_ARRAY value
Table 5-65. STATUS3 Register (47h, for Test Only)
DEFAULT
REGISTER
NAME
ACTIVE
DESCRIPTION
VALUE
STATUS3[7]
F_COMP
Frequency comparator output from phase detector
STATUS3[6]
VCO_CAL_COMP
Readout of VCO current calibration comparator.
Equals 1 if current defined by VCO_CURRENT_A/B is
larger than the VCO core current
STATUS3[5:0]
VCO_CAL_CURRENT[5:0]
Status vector defining applied VCO_CAL_CURRENT value
Table 5-66. STATUS4 Register (48h, for Test Only)
DEFAULT
REGISTER
NAME
ACTIVE
DESCRIPTION
VALUE
STATUS4[7:6]
ADC_MIX[1:0]
Readout of mixer input to ADC
STATUS4[5:3]
ADC_I[2:0]
Readout of ADC “I” output
STATUS4[2:0]
ADC_Q[2:0]
Readout of ADC “Q” output
Copyright © 2006–2015, Texas Instruments Incorporated
Detailed Description
81
Submit Documentation Feedback
Product Folder Links: CC1020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com