Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PC87366 Datasheet(PDF) 195 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87366
Description  128-Pin LPC SuperI/O with System Hardware Monitoring, MIDI and Game Ports
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87366 Datasheet(HTML) 195 Page - National Semiconductor (TI)

Back Button PC87366 Datasheet HTML 191Page - National Semiconductor (TI) PC87366 Datasheet HTML 192Page - National Semiconductor (TI) PC87366 Datasheet HTML 193Page - National Semiconductor (TI) PC87366 Datasheet HTML 194Page - National Semiconductor (TI) PC87366 Datasheet HTML 195Page - National Semiconductor (TI) PC87366 Datasheet HTML 196Page - National Semiconductor (TI) PC87366 Datasheet HTML 197Page - National Semiconductor (TI) PC87366 Datasheet HTML 198Page - National Semiconductor (TI) PC87366 Datasheet HTML 199Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 195 / 240 page
background image
195
www.national.com
12.0 Temperature Sensor (TMS)
12.1 OVERVIEW
The Temperature Sensor (TMS) is a diode input temperature sensor which consists of a Delta-Sigma Analog to Digital (A/D)
converter and a digital overtemperature detector. Both of these elements conform to Advance Configuration and Power In-
terface (ACPI) requirements for thermal management.
The TMS senses its own temperature and the temperature of two target ICs by measuring the voltage drop of diode(s)
placed on the target IC’s die. A host can query the TMS at any time to read the temperature of remote diode(s) as well as
the local temperature. An ALERT interrupt output becomes active when the temperature goes above THIGH or below TLOW.
The host may program the two thresholds for each sensing channel to define an operation window. Overtemperature Shut-
down (OTS) output becomes active when the temperature exceeds the programmable limit TOS.
12.2 FUNCTIONAL DESCRIPTION
The TMS incorporates a band-gap temperature sensor using a local and remote diode(s) and an 8-bit Delta-Sigma Analog-
to-Digital Converter (A/D converter). Once enabled and put in active (non-standby mode), the TMS continuously measures
temperature of up to one internal diode and two remote diodes. TMS readings are available at all times via the host interface.
When SLPS3 input becomes inactive, the conversion is stopped and no new results are generated until both SLPS3 be-
comes active, and the internal wake up sequence is completed. TMS registers are maintained by VSB during this period.
A digital comparator is also incorporated to compare temperature readings to user-programmable limits. OTS output indi-
cates that the result of the comparison exceeds the limit preset in the Channel Overtemperature Limit register. ALERT output
indicates that the result of the comparison is not within limits preset in the Channel Temperature High or Low Limit (CHTH
and CHTL) registers.
Figure 41 shows a simplified block diagram of the TMS. It represents only the local diode and one remote diode (even though
there are actually two remote diodes in addition to the local diode, and one or three OTS signals; combined or one for each
diode sensor).
Figure 41. TMS Simplified Block Diagram
Temperature
Sensor
Circuitry
DPi
DNi
∆−Σ
8-Bit
A/D Converter
Diode
Selector
Control
Logic
Temperature
Readout
Overtemp.
Shutdown
Setpoint
High and
Low Limit
Setpoints
Conversion
Rate
OTS
IRQ
SMI
TMS Module
ALERT
Overtemp
High
Low
Enable
and
Config
Logic
Enable
Bits
VDD
VSS
VSB
}ToTMS
Config



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com