Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PC87366 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87366
Description  128-Pin LPC SuperI/O with System Hardware Monitoring, MIDI and Game Ports
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87366 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button PC87366 Datasheet HTML 3Page - National Semiconductor (TI) PC87366 Datasheet HTML 4Page - National Semiconductor (TI) PC87366 Datasheet HTML 5Page - National Semiconductor (TI) PC87366 Datasheet HTML 6Page - National Semiconductor (TI) PC87366 Datasheet HTML 7Page - National Semiconductor (TI) PC87366 Datasheet HTML 8Page - National Semiconductor (TI) PC87366 Datasheet HTML 9Page - National Semiconductor (TI) PC87366 Datasheet HTML 10Page - National Semiconductor (TI) PC87366 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 240 page
background image
(Continued)
7
www.national.com
2.16
ACCESS.BUS INTERFACE (ACB) CONFIGURATION ............................................................ 72
2.16.1
General Description ..................................................................................................... 72
2.16.2
Logical Device 8 (ACB) Configuration ......................................................................... 72
2.16.3
ACB Configuration Register ........................................................................................ 73
2.17
FAN SPEED CONTROL AND MONITOR (FSCM) CONFIGURATION ..................................... 74
2.17.1
General Description ..................................................................................................... 74
2.17.2
Logical Device 9 (FSCM) Configuration ...................................................................... 74
2.17.3
Fan Speed Control and Monitor Configuration 1 Register ........................................... 75
2.17.4
Fan Speed Control and Monitor Configuration 2 Register ........................................... 76
2.17.5
Fan Speed Control OTS Configuration Register ....................................................... 76
2.18
WATCHDOG TIMER (WDT) CONFIGURATION ...................................................................... 77
2.18.1
Logical Device 10 (WDT) Configuration ...................................................................... 77
2.18.2
WATCHDOG Timer Configuration Register ................................................................ 77
2.19
GAME PORT (GMP) CONFIGURATION .................................................................................. 78
2.19.1
Logical Device 11 (GMP) Configuration ...................................................................... 78
2.19.2
Game Port Configuration Register .............................................................................. 78
2.20
MIDI PORT (MIDI) CONFIGURATION ...................................................................................... 79
2.20.1
Logical Device 12 (MIDI) Configuration ....................................................................... 79
2.20.2
MIDI Port Configuration Register ................................................................................. 79
2.21
VOLTAGE LEVEL MONITOR (VLM) CONFIGURATION .......................................................... 80
2.21.1
Logical Device 13 (VLM) Configuration ....................................................................... 80
2.22
TEMPERATURE SENSOR (TMS) CONFIGURATION ............................................................. 80
2.22.1
Logical Device 14 (TMS) Configuration ....................................................................... 80
3.0
System Wake-Up Control (SWC)
3.1
OVERVIEW ............................................................................................................................... 81
3.2
FUNCTIONAL DESCRIPTION .................................................................................................. 82
3.3
EVENT DETECTION ................................................................................................................. 83
3.3.1
Modem Ring ................................................................................................................ 83
3.3.2
Telephone Ring ........................................................................................................... 83
3.3.3
Keyboard and Mouse Activity ...................................................................................... 84
3.3.4
CEIR Address .............................................................................................................. 84
3.3.5
Standby General-Purpose Input Events ...................................................................... 84
3.3.6
GPIO-Triggered Events ............................................................................................... 84
3.3.7
Software Event ............................................................................................................ 84
3.3.8
Module IRQ Wake-Up Event ....................................................................................... 85
3.4
SWC REGISTERS ..................................................................................................................... 85
3.4.1
SWC Register Map ...................................................................................................... 85
3.4.2
Wake-Up Events Status Register 0 (WK_STS0) ......................................................... 88
3.4.3
Wake-Up Events Status Register (WK_STS1) ............................................................ 89
3.4.4
Wake-Up Events Enable Register (WK_EN0) ............................................................. 90
3.4.5
Wake-Up Events Enable Register 1 (WK_EN1) .......................................................... 91
3.4.6
Wake-Up Configuration Register (WK_CFG) .............................................................. 92
3.4.7
Wake-Up Events Routing to SMI Enable Register 0 (WK_SMIEN0) ........................... 93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com