Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PC87366 Datasheet(PDF) 23 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87366
Description  128-Pin LPC SuperI/O with System Hardware Monitoring, MIDI and Game Ports
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87366 Datasheet(HTML) 23 Page - National Semiconductor (TI)

Back Button PC87366 Datasheet HTML 19Page - National Semiconductor (TI) PC87366 Datasheet HTML 20Page - National Semiconductor (TI) PC87366 Datasheet HTML 21Page - National Semiconductor (TI) PC87366 Datasheet HTML 22Page - National Semiconductor (TI) PC87366 Datasheet HTML 23Page - National Semiconductor (TI) PC87366 Datasheet HTML 24Page - National Semiconductor (TI) PC87366 Datasheet HTML 25Page - National Semiconductor (TI) PC87366 Datasheet HTML 26Page - National Semiconductor (TI) PC87366 Datasheet HTML 27Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 240 page
background image
1.0 Signal/Pin Connection and Description (Continued)
23
www.national.com
119
GPIO22
I/O SIOCF4, Bit 4 = 0
JOYABTN0
I
SIOCF4, Bit 4 = 1
120
GPIO23
I/O SIOCF4, Bit 4 = 0
JOYABTN1
I
SIOCF4, Bit 4 = 1
121
GPIO24
I/O SIOCF4, Bit 4 = 0
JOYBX
I/O SIOCF4, Bit 4 = 1
122
GPIO25
I/O SIOCF4, Bit 4 = 0
JOYBY
I/O SIOCF4, Bit 4 = 1
123
GPIO26
I/O SIOCF4, Bit 4 = 0
JOYBBTN0
I
SIOCF4, Bit 4 = 1
124
GPIO27
I/O SIOCF4, Bit 4 = 0
JOYBBTN1
I
SIOCF4, Bit 4 = 1
125
GPIO30
I/O SIOCF4, Bit 5 = 0
MDTX
O
SIOCF4, Bit 5 = 1
126
GPIO31
I/O SIOCF4, Bit 5 = 0
MDRX
I
SIOCF4, Bit 5 = 1
127
GPIO32
I/O
SIOCF4, Bits 7,6 = 00
P16
I/O SIOCF4, Bits 7,6 = 01
IRSL1
I/O SIOCF4, Bits 7,6 = 10
128
GPIO33
I/O SIOCF5, Bits 1-0 = 00
FANIN2
I
SIOCF5, Bits 1-0 = 10
Note 1. The signal selected on each pin is determined during VSB power-up by the PSLDC0,1 straps.
Pin(s)
Default
Alternate
Signal
I/O
Configuration
Signal
I/O
Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com