Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PC87366 Datasheet(PDF) 191 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87366
Description  128-Pin LPC SuperI/O with System Hardware Monitoring, MIDI and Game Ports
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87366 Datasheet(HTML) 191 Page - National Semiconductor (TI)

Back Button PC87366 Datasheet HTML 187Page - National Semiconductor (TI) PC87366 Datasheet HTML 188Page - National Semiconductor (TI) PC87366 Datasheet HTML 189Page - National Semiconductor (TI) PC87366 Datasheet HTML 190Page - National Semiconductor (TI) PC87366 Datasheet HTML 191Page - National Semiconductor (TI) PC87366 Datasheet HTML 192Page - National Semiconductor (TI) PC87366 Datasheet HTML 193Page - National Semiconductor (TI) PC87366 Datasheet HTML 194Page - National Semiconductor (TI) PC87366 Datasheet HTML 195Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 191 / 240 page
background image
11.0 Voltage Level Monitor (VLM) (Continued)
191
www.national.com
11.5.13 Read Channel Voltage Register (RDCHV)
This register holds the last voltage readout for each channel. The value is an 8-bit unsigned integer of the voltage measured
by the channel.
Location:
Offset 0Bh - Banks 0 to 13
Type:
RO
11.5.14 Channel Voltage High Limit Register (CHVH)
This register holds the voltage high limit value that is compared with the voltage reading.
Location:
Offset 0Ch - Banks 0 through 13
Type:
R/W
11.5.15 Channel Voltage Low Limit Register (CHVL)
This register holds the voltage low limit value that is compared with the voltage reading.
Location:
Offset 0Dh - Banks 0 through 13
Type:
R/W
11.5.16 Overtemperature Shutdown Limit Register (OTSL)
This register defines the overtemperature shutdown limit for banks 11 to 13. Its power-up default is the maximum voltage
readout.
Location:
Offset 0Eh Banks 11 to 13
Type:
R/W
Bit
76543210
Name
Channel Voltage Value
Reset
00000000
Bit
76543210
Name
Channel Voltage High Limit Value
Reset
11111111
Bit
76543210
Name
Channel Voltage Low Limit Value
Reset
00000000
Bit
76543210
Name
Overtemperature Shutdown Limit Value
Reset
11111111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com