Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STMPE321 Datasheet(PDF) 19 Page - STMicroelectronics

Part # STMPE321
Description  3-channel capacitive touchkey controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE321 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STMPE321 Datasheet HTML 15Page - STMicroelectronics STMPE321 Datasheet HTML 16Page - STMicroelectronics STMPE321 Datasheet HTML 17Page - STMicroelectronics STMPE321 Datasheet HTML 18Page - STMicroelectronics STMPE321 Datasheet HTML 19Page - STMicroelectronics STMPE321 Datasheet HTML 20Page - STMicroelectronics STMPE321 Datasheet HTML 21Page - STMicroelectronics STMPE321 Datasheet HTML 22Page - STMicroelectronics STMPE321 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 40 page
background image
STMPE321
Interrupt controller module
Doc ID 15791 Rev 3
19/40
INT_EN
Interrupt enable register
Address:
0x09
Type:
R/W
Reset:
0x01
Description:
This register is used to enable the interruption from a system related interrupt source
to the host. Writing ‘1’ in this register enables the corresponding interrupt event to
generate interrupt signal at the INT pin. Note that even if the interrupt is not enabled,
an interrupt event is still reflected in the interrupt status register.
76
543
2
1
0
GPIO
RESERVED
GEN
FIFO
POR
[7] GPIO:
One or more level transition in enabled GPIOs
[6:3] RESERVED
Must be set to ‘0’ at all times.
[2] GEN:
System INT (A2I, I2A, EOC)
[1] FIFO:
Data available in FIFO. This interrupt can be cleared only if FIFO is empty.
[0] POR:
Power-on reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com