Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STMPE321 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STMPE321
Description  3-channel capacitive touchkey controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE321 Datasheet(HTML) 1 Page - STMicroelectronics

  STMPE321 Datasheet HTML 1Page - STMicroelectronics STMPE321 Datasheet HTML 2Page - STMicroelectronics STMPE321 Datasheet HTML 3Page - STMicroelectronics STMPE321 Datasheet HTML 4Page - STMicroelectronics STMPE321 Datasheet HTML 5Page - STMicroelectronics STMPE321 Datasheet HTML 6Page - STMicroelectronics STMPE321 Datasheet HTML 7Page - STMicroelectronics STMPE321 Datasheet HTML 8Page - STMicroelectronics STMPE321 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
August 2009
Doc ID 15791 Rev 3
1/40
40
STMPE321
3-channel capacitive touchkey controller
Features
Up to 3 GPIOs
Up to 3 capacitive touchkey inputs
Operating voltage 1.65 - 1.95 V
Interrupt output pin
I2C interface (1.8 V operation, 3.3 V tolerant)
8 kV HBM ESD protection
40 fF resolution, 128-step capacitance
measurement
Advanced data filtering (AFS)
Environment tracking calibration (ETC)
Individually adjustable touch variance (TVR)
settings for all channels
Adjustable environmental variance (EVR) for
optimal calibration
Capacitive key sensing capability in 27 µA
sleep mode
Applications
Mobile phones and smartphones
Portable media players
Game consoles
Description
The STMPE321 is a 3-channel capacitive
touchkey controller. Capacitance measurement is
implemented in fully optimized hardware.
All 3 I/Os can be configured via an I2C bus to
function as either capacitive touchkey, or as
GPIOs (general purpose I/O).
QFN12
(2.2 x 1.5 mm)
Table 1.
Device summary
Order code
Package
Packing
STMPE321QTR
QFN12 (2.2 x 1.5 mm)
Tape and reel
www.st.com


Similar Part No. - STMPE321

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STMPE1208S STMICROELECTRONICS-STMPE1208S Datasheet
156Kb / 12P
12 channel touch key controller
19-Jun-2007
STMPE1208S STMICROELECTRONICS-STMPE1208S Datasheet
721Kb / 51P
Xpander Logic with 12-channel touchkey
18-Jul-2008
STMPE1208SQTR STMICROELECTRONICS-STMPE1208SQTR Datasheet
156Kb / 12P
12 channel touch key controller
19-Jun-2007
STMPE1208SQTR STMICROELECTRONICS-STMPE1208SQTR Datasheet
721Kb / 51P
Xpander Logic with 12-channel touchkey
18-Jul-2008
STMPE1208S STMICROELECTRONICS-STMPE1208S_08 Datasheet
721Kb / 51P
Xpander Logic with 12-channel touchkey
18-Jul-2008
More results

Similar Description - STMPE321

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STMPE821 STMICROELECTRONICS-STMPE821 Datasheet
646Kb / 55P
8-bit Xpander Logic??with touchkey controller
10-Jun-2008
STMPE821 STMICROELECTRONICS-STMPE821_09 Datasheet
661Kb / 55P
8-channel capacitive touch key controller
06-Apr-2009
STMPE24M31QTR STMICROELECTRONICS-STMPE24M31QTR Datasheet
1,007Kb / 85P
S-Touch® 16/24-channel touchkey controller with PWM and ratio engines
18-Apr-2011
logo
List of Unclassifed Man...
IQS128 ETC2-IQS128 Datasheet
1Mb / 33P
Single Channel Capacitive Proximity, Touch Controller
IQS213 ETC2-IQS213 Datasheet
1Mb / 46P
3-Channel Capacitive Touch/Swipe Function Controller
IQS227AS ETC2-IQS227AS Datasheet
1Mb / 31P
Single Channel Capacitive Proximity/Touch Controller
IQS228AS ETC2-IQS228AS Datasheet
1Mb / 30P
Single Channel Capacitive Proximity/Touch Controller
logo
Microchip Technology
CAP1203 MICROCHIP-CAP1203 Datasheet
655Kb / 59P
3-Channel Capacitive Touch Sensor
07/14/15
logo
STMicroelectronics
STMPE16M31PX STMICROELECTRONICS-STMPE16M31PX Datasheet
669Kb / 75P
S-Touch® 16-channel touchkey controller with proximity sensing
January 2011 Rev 2
logo
Shanghai awinic technol...
AW9203 AWINIC-AW9203 Datasheet
1Mb / 30P
3-Key Capacitive Touch Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com