Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STMPE321 Datasheet(PDF) 18 Page - STMicroelectronics

Part # STMPE321
Description  3-channel capacitive touchkey controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE321 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STMPE321 Datasheet HTML 14Page - STMicroelectronics STMPE321 Datasheet HTML 15Page - STMicroelectronics STMPE321 Datasheet HTML 16Page - STMicroelectronics STMPE321 Datasheet HTML 17Page - STMicroelectronics STMPE321 Datasheet HTML 18Page - STMicroelectronics STMPE321 Datasheet HTML 19Page - STMicroelectronics STMPE321 Datasheet HTML 20Page - STMicroelectronics STMPE321 Datasheet HTML 21Page - STMicroelectronics STMPE321 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 40 page
background image
Interrupt controller module
STMPE321
18/40
Doc ID 15791 Rev 3
INT_CTRL
Interrupt control register
Address:
0x08
Type:
R/W
Reset:
0x01
Description:
This register is used to enable control of the polarity, edge/level and enabling of the
interrupt system device.
7
654
3210
RESERVED
POLARITY
TYPE
INT_EN
[7:3] RESERVED
[2] POLARITY:
'0' for active low
'1' for active high
For active low operation, the INT pin should be externally pulled high. The INT pin is pulled to
GND when there is a pending interrupt.
For active high operation, the INT pin should be externally pulled to GND. In this mode, the INT
pin is pulled to VCC by the device when there is a pending interrupt.
[1] TYPE:
'0' for level trigger
'1' for edge trigger (pulse width is 200 nS)
[0] INT_EN:
'0' to disable all interrupts
'1' to enable all interrupts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com