Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VCAS323022F400DP Datasheet(PDF) 6 Page - AVX Corporation

Part # VCAS323022F400DP
Description  Multilayer Varistors for Automotive Applications
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

VCAS323022F400DP Datasheet(HTML) 6 Page - AVX Corporation

Back Button VCAS323022F400DP Datasheet HTML 2Page - AVX Corporation VCAS323022F400DP Datasheet HTML 3Page - AVX Corporation VCAS323022F400DP Datasheet HTML 4Page - AVX Corporation VCAS323022F400DP Datasheet HTML 5Page - AVX Corporation VCAS323022F400DP Datasheet HTML 6Page - AVX Corporation VCAS323022F400DP Datasheet HTML 7Page - AVX Corporation VCAS323022F400DP Datasheet HTML 8Page - AVX Corporation VCAS323022F400DP Datasheet HTML 9Page - AVX Corporation VCAS323022F400DP Datasheet HTML 10Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
19
012317
TransGuard
® Automotive Series
Multilayer Varistors for Automotive Applications
FORWARD TRANSMISSION CHARACTERISTICS (S21)
5
0
-5
-10
-15
-20
-25
-30
-35
-40
-45
1
18A - 730 MHz
26A - 550 MHz
30A - 665 MHz
100
1000
10000
Frequency (MHz)
10
0603 Case Size
5
0
-5
-10
-15
-20
-25
-30
-35
-40
-45
1
18A - 730 MHz
26A - 550 MHz
30A - 665 MHz
100
1000
10000
Frequency (MHz)
10
0603 Case Size
0
-5
-10
-15
-20
-25
-30
-35
-40
-45
1
18C - 300 MHz
26A - 555 MHz
26C - 460 MHz
30A - 530 MHz
30C - 390 MHz
38C - 430 MHz
100
1000
10000
Frequency (MHz)
10
0805 Case Size



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com