Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VCAS323022F400DP Datasheet(PDF) 3 Page - AVX Corporation

Part # VCAS323022F400DP
Description  Multilayer Varistors for Automotive Applications
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

VCAS323022F400DP Datasheet(HTML) 3 Page - AVX Corporation

  VCAS323022F400DP Datasheet HTML 1Page - AVX Corporation VCAS323022F400DP Datasheet HTML 2Page - AVX Corporation VCAS323022F400DP Datasheet HTML 3Page - AVX Corporation VCAS323022F400DP Datasheet HTML 4Page - AVX Corporation VCAS323022F400DP Datasheet HTML 5Page - AVX Corporation VCAS323022F400DP Datasheet HTML 6Page - AVX Corporation VCAS323022F400DP Datasheet HTML 7Page - AVX Corporation VCAS323022F400DP Datasheet HTML 8Page - AVX Corporation VCAS323022F400DP Datasheet HTML 9Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
16
012317
TransGuard
® Automotive Series
Multilayer Varistors for Automotive Applications
V
W(DC)
DC Working Voltage [V]
V
W(AC)
AC Working Voltage [V]
V
B
Typical Breakdown Votage [V @ 1mA
DC]
V
C
Clamping Voltage [V @ I
IV]
I
VC
Test Current for V
C
I
L
Maximum leakage current at the working voltage [μA]
E
t
Transient Energy Rating [J, 10x1000μS]
I
P
Peak Current Rating [A, 8x20μS]
Cap
Typical capacitance [pF] @ frequency specified and 0.5V
RMS
V
Jump
Jump Start (V)
P
.
Power Dissipation (W)
AVX PN
VW (DC)
VW (AC)
VB
VC
IVC
IL
ET
ELD
IP
Cap
Freq
VJump
PDiss. Max
Vdc
Vac
V
V
A
μA
J
J
A
pF
V
W
VCAS120642K900
42
32
56±10%
90
1
15
0.6
200
260
K
48
0.012
VGAS181242U900
42
35
56.0±10%
90
5
15
4.0
6
500
1200
K
48
0.015
VGAS222042Y900
42
37
56±10%
90
10
15
12
24
1000
5000
K
48
0.06
VCAS120645K900
45
35
56±10%
90
1
25
0.6
200
260
K
48
0.012N
VCAS120648D101 _ _
48
34
62.0±10%
100
1
10
0.4
-
100
225
K
48
0.008
VCAS121048H101 _ _
48
34
62.0±10%
100
1
10
1.2
-
250
500
K
48
0.022
VCAS120656F111 _ _
56
40
68.0±10%
110
1
15
0.7
-
100
180
K
48
0.014
VGAS181256U111
56
40
68±10%
110
5
15
4.8
-
500
1100
K
48
0.04
VCAS120660M131 _ _
60
50
82.0±10%
135
1
15
1
-
150
250
K
48
0.008
VCAS121060J121
60
42
76±10%
120
5
10
1.5
250
400
K
48
0.03
VGAS121065P131
65
50
82±10%
135
2.5
15
2.7
350
600
K
48
0.05
VGAS181265U131
65
50
82±10%
135
5
15
4.5
-
400
800
K
48
0.03
VGAS222065Y131
65
50
82±10%
135
10
15
6.5
-
1100
3000
K
48
0.06
VCAS121085S151 _ _
85
60
100.0±10%
150
1
35
2
-
250
275
K
48
0.040
VGAS181285U161
85
60
100±10%
165
5
15
4.5
-
400
500
K
48
0.04
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com