Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VCAS323022F400DP Datasheet(PDF) 5 Page - AVX Corporation

Part # VCAS323022F400DP
Description  Multilayer Varistors for Automotive Applications
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

VCAS323022F400DP Datasheet(HTML) 5 Page - AVX Corporation

  VCAS323022F400DP Datasheet HTML 1Page - AVX Corporation VCAS323022F400DP Datasheet HTML 2Page - AVX Corporation VCAS323022F400DP Datasheet HTML 3Page - AVX Corporation VCAS323022F400DP Datasheet HTML 4Page - AVX Corporation VCAS323022F400DP Datasheet HTML 5Page - AVX Corporation VCAS323022F400DP Datasheet HTML 6Page - AVX Corporation VCAS323022F400DP Datasheet HTML 7Page - AVX Corporation VCAS323022F400DP Datasheet HTML 8Page - AVX Corporation VCAS323022F400DP Datasheet HTML 9Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
18
012317
TransGuard
® Automotive Series
Multilayer Varistors for Automotive Applications
L
W
T
t
DIMENSIONS: mm (inches)
1) Applicable for: VCAS120618E380
2) Applicable for: VCAS120626F540, VCAS120631M650, VCAS120638N770, VCAS120642L800, VCAS120645K900, VCAS120656F111, VCAS120660M131
SOLDERING PAD: mm (inches)
C
A
B
A
D
AVX Style
0402
0603
0805
1206
1210
1812
2220
3220
(L) Length
mm
1.00±0.10
1.60±0.15
2.01±0.20
3.20±0.20
3.20±0.20
4.50±0.30
5.70±0.40
8.20±0.40
(in.)
(0.040±0.004)
(0.063±0.006)
(0.079±0.008)
(0.126±0.008)
(0.126±0.008)
(0.177±0.012)
(0.224±0.016)
(0.323±0.016)
(W) Width
mm
0.50±0.10
0.80±0.15
1.25±0.20
1.60±0.20
2.49±0.20
3.20±0.30
5.00±0.40
5.00±0.40
(in.)
(0.020±0.004)
(0.031±0.006)
(0.049±0.008)
(0.063±0.008)
(0.098±0.008)
(0.126±0.012)
(0.197±0.016)
(0.197±0.016)
(T) Max Thickness
mm
0.6
0.9
1.02
1.02 (0.040)
1.70
2.00
2.50
2.50 max.
(in.)
(0.024)
(0.035)
(0.040)
1.27 (0.050)1)
(0.067)
(0.080)
(0.098)
(0.098 max.)
1.70 (0.067)2)
(t) Land Length
mm
0.25±0.15
0.35±0.15
0.71 max.
0.94 max.
1.14 max.
1.00 max.
1.00 max.
1.30 max.
(in.)
(0.010±0.006)
(0.014±0.006)
(0.028 max.)
(0.037 max.)
(0.045 max.)
(0.039 max.)
(0.039 max.)
(0.051 max.)
Pad Layout
0402
0603
0805
1206
1210
1812
2220
3220
A
1.61 (0.024)
0.89 (0.035)
1.02 (0.040)
1.02 (0.040)
1.02 (0.040)
1.00 (0.039)
1.00 (0.039)
2.21 (0.087)
B
1.51 (0.020)
0.76 (0.030)
1.02 (0.040)
2.03 (0.080)
2.03 (0.080)
3.60 (0.142)
4.60 (0.18)
5.79 (0.228)
C
1.70 (0.067)
2.54 (0.100)
3.05 (0.120)
4.06 (0.160)
4.06 (0.160)
5.60 (0.220)
6.60 (0.26)
10.21 (0.402)
D
1.51 (0.020)
0.76 (0.030)
1.27 (0.050)
1.65 (0.065)
2.54 (0.100)
3.00 (0.118)
5.00 (0.20 )
5.50 (0.217)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com