Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP2995 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP2995
Description  DDR Termination Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP2995 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LP2995 Datasheet HTML 5Page - National Semiconductor (TI) LP2995 Datasheet HTML 6Page - National Semiconductor (TI) LP2995 Datasheet HTML 7Page - National Semiconductor (TI) LP2995 Datasheet HTML 8Page - National Semiconductor (TI) LP2995 Datasheet HTML 9Page - National Semiconductor (TI) LP2995 Datasheet HTML 10Page - National Semiconductor (TI) LP2995 Datasheet HTML 11Page - National Semiconductor (TI) LP2995 Datasheet HTML 12Page - National Semiconductor (TI) LP2995 Datasheet HTML 13Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Typical Application Circuits
The typical application circuit used for SSTL-2 termination
schemes with DDR-SDRAM can be seen in Figure 5.
For SSTL-3 and other applications it may be desirable to
change internal reference voltage scaling from VDDQ * 0.5.
An external resistor in series with the VDDQ pin can be used
to lower the reference voltage. Internally two 50 k
Ω resistors
set the output V
TT to be equal to VDDQ * 0.5. The addition
of a 11.1 k
Ω external resistor will change the internal refer-
ence voltage causing the two outputs to track VDDQ * 0.45.
An implementation of this circuit can be seen in Figure 6.
Another application that is sometimes required is to increase
the V
TT output voltage from the scaling factor of VDDQ * 0.5.
This can be accomplished independently of V
REF by using a
resistor divider network between V
TT,VSENSE and Ground.
An example of this circuit can be seen in Figure 7.
20039306
SSTL-2 Implementation
FIGURE 5.
20039307
SSTL-3 Implementation
FIGURE 6.
20039303
FIGURE 7.
www.national.com
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com