Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AC0805FRE0797R6 Datasheet(PDF) 4 Page - YAGEO Corporation

Part # AC0805FRE0797R6
Description  THICK FILM CHIP RESISTORS Automotive Precision grade
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

AC0805FRE0797R6 Datasheet(HTML) 4 Page - YAGEO Corporation

  AC0805FRE0797R6 Datasheet HTML 1Page - YAGEO Corporation AC0805FRE0797R6 Datasheet HTML 2Page - YAGEO Corporation AC0805FRE0797R6 Datasheet HTML 3Page - YAGEO Corporation AC0805FRE0797R6 Datasheet HTML 4Page - YAGEO Corporation AC0805FRE0797R6 Datasheet HTML 5Page - YAGEO Corporation AC0805FRE0797R6 Datasheet HTML 6Page - YAGEO Corporation AC0805FRE0797R6 Datasheet HTML 7Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Chip Resistor Surface Mount
www.yageo.com
Mar. 14, 2016 V.0
Product specification
4
7
SERIES
AC
0402 to 1206
ELECTRICAL CHARACTERISTICS
Table 2
TYPE
RESISTANCE
RANGE
(E24/E96)
OPERATING
TEMPERATURE RANGE
POWER
RATING
MAXIMUM
WORKING
VOLTAGE
DIELECTRIC
WITHSTAND
VOLTAGE
MAXIMUM
OVERLOAD
VOLTAGE
TEMPERATURE
COEFFICIENT OF
RESISTANCE
AC0402
10 Ω to 1 MΩ
–55 °C to +155 °C
1/16 W
50 V
100 V
100 V
± 50 ppm/°C
AC0603
10 Ω to 1 MΩ
–55 °C to +155 °C
1/10 W
75 V
150 V
150 V
± 50 ppm/°C
AC0805
10 Ω to 1 MΩ
–55 °C to +155 °C
1/8 W
150 V
300 V
300 V
± 50 ppm/°C
AC1206
10 Ω to 1 MΩ
–55 °C to +155 °C
1/4 W
200 V
500 V
400 V
± 50 ppm/°C
NOTE
The maximum working voltage that may be continuously applied to the resistor element, see “IEC publication 60115-8”
FOOTPRINT AND SOLDERING PROFILES
For recommended footprint and soldering profiles, please see the special data sheet “Chip resistors mounting”.
PACKING STYLE
REEL DIMENSION
AC0402
AC0603
AC0805
AC1206
Paper/PE taping reel (R)
7" (178 mm)
10,000
5,000
5,000
5,000
13" (330 mm)
50,000
20,000
20,000
20,000
NOTE
1. For Paper/PE tape and reel specification/dimensions, please see the special data sheet “Chip resistors packing”
PACKING STYLE AND PACKAGING QUANTITY
Table 3 Packing style and packaging quantity
FUNCTIONAL DESCRIPTION
P
PO
OW
WE
ER
R R
RA
AT
TIIN
NG
G
Each type rated power at 70°C:
AC0402=1/16W, AC0603=1/10W,
AC0805=1/8 W, AC1206=1/4W
RATED VOLTAGE
The DC or AC (rms) continuous working voltage
corresponding to the rated power is determined by
the following formula:
V=√(P X R)
or max. working voltage whichever is less
Where
V=Continuous rated DC or
AC (rms) working voltage (V)
P=Rated power (W)
R=Resistance value (Ω)
Fig. 6 Maximum dissipation (P) in percentage of rated power as a
function of the operating ambient temperature (Tamb)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com