Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AC0805FRE0797R6 Datasheet(PDF) 2 Page - YAGEO Corporation

Part # AC0805FRE0797R6
Description  THICK FILM CHIP RESISTORS Automotive Precision grade
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

AC0805FRE0797R6 Datasheet(HTML) 2 Page - YAGEO Corporation

  AC0805FRE0797R6 Datasheet HTML 1Page - YAGEO Corporation AC0805FRE0797R6 Datasheet HTML 2Page - YAGEO Corporation AC0805FRE0797R6 Datasheet HTML 3Page - YAGEO Corporation AC0805FRE0797R6 Datasheet HTML 4Page - YAGEO Corporation AC0805FRE0797R6 Datasheet HTML 5Page - YAGEO Corporation AC0805FRE0797R6 Datasheet HTML 6Page - YAGEO Corporation AC0805FRE0797R6 Datasheet HTML 7Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Chip Resistor Surface Mount
www.yageo.com
Mar. 14, 2016 V.0
Product specification
2
7
SERIES
AC
0402 to 1206
ORDERING INFORMATION - GLOBAL PART NUMBER & 12NC
Both part numbers are identified by the series, size, tolerance, packing
type, temperature coefficient, taping reel and resistance value.
SCOPE
This specification describes
AC0402 to AC1206 ultra precision
chip resistors with lead-free
terminations made by thick film
process.
APPLICATIONS
All general purpose applications
Car electronics
Industrial applications
FEATURES
AEC-Q200 qualified
Halogen Free Epoxy
RoHS compliant
Reducing environmentally
hazardous wastes
High component and equipment
reliability
Non-forbidden material used in
products/production
Moisture sensitivity level: MSL 1
ORDERING EXAMPLE
The ordering code of a AC0603
chip resistor, TC 50 value 56Ω with
±0.5% tolerance, supplied in 7-inch
tape reel is: AC0603DRE0756RL.
NOTE
1. All our R-Chip products meet RoHS
compliant and Halogen Free. "LFP" of
the internal 2D reel label mentions
"Lead Free Process"
2. On customized label, "LFP" or specific
symbol can be printed
Resistance rule of global part
number
Resistance code rule
Example
XXRX
(10 to 97.6 Ω)
10R = 10 Ω
97R6 = 97.6 Ω
XXXR
(100 to 976 Ω)
100R = 100 Ω
XKXX
(1 to 9.76 KΩ)
1K = 1,000 Ω
9K76 = 9760 Ω
XMXX
(1 MΩ)
1M = 1,000,000 Ω
Y
YA
AG
GE
EO
O B
BR
RA
AN
ND
D o
orrd
deerriin
ngg cco
od
dee
GLOBAL PART NUMBER (PREFERRED)
AC XXXX X X X XX XXXX L
(1)
(2) (3) (4)
(5)
(6)
(7)
(1) SIZE
0402 / 0603 / 0805 / 1206
(2) TOLERANCE
B = ± 0.1%
D = ± 0.5%
F = ± 1%
(3) PACKAGING TYPE
R = Paper/PE taping reel
(4) TEMPERATURE COEFFICIENT OF RESISTANCE
E = ± 50 ppm/°C
(5) TAPING REEL
07 = 7 inch dia. Reel
13 = 13 inch dia. Reel
(6) RESISTANCE VALUE
There are 2~4 digits indicated the resistor value. Letter R/K/M is decimal point, no need
to mention the last zero after R/K/M, e.g.1K2, not 1K20.
Detailed resistance rules show in table of “Resistance rule of global part number”.
(7) DEFAULT CODE
Letter L is system default code for order only (Note)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com