Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EPCOS8502 Datasheet(PDF) 3 Page - OSRAM GmbH

Part # EPCOS8502
Description  Lead (Pb) Free Product - RoHS Compliant
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

EPCOS8502 Datasheet(HTML) 3 Page - OSRAM GmbH

  EPCOS8502 Datasheet HTML 1Page - OSRAM GmbH EPCOS8502 Datasheet HTML 2Page - OSRAM GmbH EPCOS8502 Datasheet HTML 3Page - OSRAM GmbH EPCOS8502 Datasheet HTML 4Page - OSRAM GmbH EPCOS8502 Datasheet HTML 5Page - OSRAM GmbH EPCOS8502 Datasheet HTML 6Page - OSRAM GmbH EPCOS8502 Datasheet HTML 7Page - OSRAM GmbH EPCOS8502 Datasheet HTML 8Page - OSRAM GmbH EPCOS8502 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
LE AB H3AB
2008-07-07
3
Grenzwerte
Maximum Ratings
Bezeichnung
Parameter
Symbol
Symbol
Werte
Values
Einheit
Unit
amber
blue
Betriebstemperatur*
Operating temperature range*
T
board, op
– 40 … + 85
°C
Lagertemperatur
Storage temperature range
T
board, stg
– 40 … + 85
°C
Sperrschichttemperatur
Junction temperature
T
j
125
°C
Durchlassstrom pro Chip DC
Forward current per chip DC
(
T
board =25°C)
I
F
1000
mA
Stoßstrom pro Chip DC
Surge current per chip DC
t
≤ 10 μs, D = 0.1; T
A=25°C
I
FM
2000
mA
Sperrspannung pro Chip DC
Reverse voltage per chip DC
(
T
board=25°C)
V
R
0.5
V
Sperrstrom
Reverse current
V
R = 0.5 V
I
R
10
mA
Leistungsaufnahme pro Farbe
Power consumption per Color
(
T
board=25°C)
P
tot
15.5
10
W
* Eine Betauung des Moduls muss vermieden werden.
Condensation on the module has to be avoided.
Kennwerte
Charakteristics
Bezeichnung
Parameter
Symbol
Symbol
Werte
Values
Einheit
Unit
Wärmewiderstand des gesamten Moduls
Thermal resistance of the module
Sperrschicht / Bodenplatte
Junction / base plate
R
th JB
2.0 (typ.)
K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com