Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EPCOS8502 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # EPCOS8502
Description  Lead (Pb) Free Product - RoHS Compliant
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

EPCOS8502 Datasheet(HTML) 1 Page - OSRAM GmbH

  EPCOS8502 Datasheet HTML 1Page - OSRAM GmbH EPCOS8502 Datasheet HTML 2Page - OSRAM GmbH EPCOS8502 Datasheet HTML 3Page - OSRAM GmbH EPCOS8502 Datasheet HTML 4Page - OSRAM GmbH EPCOS8502 Datasheet HTML 5Page - OSRAM GmbH EPCOS8502 Datasheet HTML 6Page - OSRAM GmbH EPCOS8502 Datasheet HTML 7Page - OSRAM GmbH EPCOS8502 Datasheet HTML 8Page - OSRAM GmbH EPCOS8502 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
LE AB H3AB
OSRAM OSTAR - Projection
Lead (Pb) Free Product - RoHS Compliant
Vorläufige Daten / Preliminary Data
Abgekündigt nach OS-PD-2008-008
Obsolete acc. to OS-PD-2008-008
2008-07-07
1
Besondere Merkmale
• Gehäusetyp: Kompakte Lichtquelle in
Multi-Chip on Board Technologie;
planvergossen
• Besonderheit des Bauteils: extrem hohe
Helligkeit dank Oberflächenemission und
niedrigem R
th
Vorbereitet für den Einsatz mit zus. Optik
•
Wellenlänge: 617 nm (amber), 464 nm (blau)
• Abstrahlwinkel: Lambertscher Strahler (120°)
• Abstrahlende Fläche: typ. 2 x 1 mm² (blau);
4 x 1 mm² (amber)
•
Technologie: Thinfilm InGaAlP (amber),
ThinGaN
® (blau)
•
Leuchtdichte: 26,0*10
6 cd/m² (amber),
6.7
*10
6 cd/m² (blau)
• Montierbarkeit: verschraubbar
• Stecker: 10 Pin JST SM10B-SRSS-TB
• ESD-Festigkeit: ESD-sicher bis 2 kV nach
JESD22-A114-D
• Verpackungseinheit: 50 St. pro Box
= Verpackungseinheit
Anwendungen
• Projektoren
• Medizintechnik: Operationslampen
• Mikroskopbeleuchtung
• Scheinwerfer
• Verkehrszeichen
• Hochwertige Blitzlichter
Features
• package: compact lightsource in multi chip on
board technology; planar sealed
• feature of the device: outstanding luminance
due to pure surface emission and low R
th
prepared for additional optics
• wavelength: 617 nm (amber), 464 nm (blue)
• viewing angle: Lambertian Emitter (120°)
• light emitting surface: typ. 2 x 1 mm² (blue);
4 x 1 mm² (amber)
•
technology: Thinfilm InGaAlP (amber),
ThinGaN
® (blue)
•
Luminance: 26.0*10
6 cd/m² (amber),
6.7
*10
6 cd/m² (blue)
• mounting methode: screw holes
• connector: 10 Pin JST SM10B-SRSS-TB
• ESD-withstand voltage: up to 2 kV acc. to
JESD22-A114-D
• method of packing: 50 pcs. per tray = packing
unit
Applications
• projectors
• medical lighting: surgery light
• microscope illumination
• spotlights
• VMS (variable message signs)
• high end strobe light


Similar Part No. - EPCOS8502

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
EPCOS8502 OSRAM-EPCOS8502 Datasheet
447Kb / 19P
Lead (Pb) Free Product - RoHS Compliant
More results

Similar Description - EPCOS8502

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LGA676 OSRAM-LGA676 Datasheet
406Kb / 15P
Lead (Pb) Free Product - RoHS Compliant
LGN971 OSRAM-LGN971 Datasheet
363Kb / 13P
Lead (Pb) Free Product - RoHS Compliant
LGP47K OSRAM-LGP47K Datasheet
452Kb / 16P
Lead (Pb) Free Product RoHS Compliant
LHQ974 OSRAM-LHQ974 Datasheet
344Kb / 13P
Lead (Pb) Free Product - RoHS Compliant
LSA67B OSRAM-LSA67B Datasheet
369Kb / 15P
Lead (Pb) Free Product - RoHS Compliant
LWA67C OSRAM-LWA67C Datasheet
446Kb / 16P
Lead (Pb) Free Product - RoHS Compliant
LWP473 OSRAM-LWP473 Datasheet
501Kb / 17P
Lead (Pb) Free Product RoHS Compliant
LYA675 OSRAM-LYA675 Datasheet
385Kb / 15P
Lead (Pb) Free Product - RoHS Compliant
LSQ971 OSRAM-LSQ971 Datasheet
463Kb / 13P
Lead (Pb) Free Product - RoHS Compliant
LETH3A OSRAM-LETH3A Datasheet
460Kb / 16P
Lead (Pb) Free Product - RoHS Compliant
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com