Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EPCOS8502 Datasheet(PDF) 11 Page - OSRAM GmbH

Part # EPCOS8502
Description  Lead (Pb) Free Product - RoHS Compliant
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

EPCOS8502 Datasheet(HTML) 11 Page - OSRAM GmbH

Back Button EPCOS8502 Datasheet HTML 7Page - OSRAM GmbH EPCOS8502 Datasheet HTML 8Page - OSRAM GmbH EPCOS8502 Datasheet HTML 9Page - OSRAM GmbH EPCOS8502 Datasheet HTML 10Page - OSRAM GmbH EPCOS8502 Datasheet HTML 11Page - OSRAM GmbH EPCOS8502 Datasheet HTML 12Page - OSRAM GmbH EPCOS8502 Datasheet HTML 13Page - OSRAM GmbH EPCOS8502 Datasheet HTML 14Page - OSRAM GmbH EPCOS8502 Datasheet HTML 15Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
LE AB H3AB
2008-07-07
11
Zulässige Impulsbelastbarkeit I
F = f (tp)
Permissible Pulse Handling Capability
amber Duty cycle D = parameter, Tboard = 55 °C
4 chips operated simultaneously in series
Zulässige Impulsbelastbarkeit I
F = f (tp)
Permissible Pulse Handling Capability
blue: Duty cycle D = parameter, Tboard = 55°C
2 chips operated simultaneously in series
Zulässige Impulsbelastbarkeit I
F = f (tp)
Permissible Pulse Handling Capability
amber Duty cycle D = parameter, Tboard = 85 °C
4 chips operated simultaneously in series
Zulässige Impulsbelastbarkeit I
F = f (tp)
Permissible Pulse Handling Capability
blue: Duty cycle D = parameter, Tboard = 85°C
2 chips operated simultaneously in series
0
0.5
max
I
OHL03889
Duty Cycle
A
max
I
0.2
0.4
0.6
0.8
1
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
2.0
240 Hz
360 Hz
2880 Hz
T
T
Δ
= 125 ˚C
T = 70 K
j
= 55 ˚C
Board
0
0.5
max
I
OHL03887
Duty Cycle
A
max
I
0.2
0.4
0.6
0.8
1
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
2.0
240 Hz
360 Hz
2880 Hz
T
T
Δ
= 125 ˚C
T = 70 K
j
= 55 ˚C
Board
0
0.5
max
I
OHL03890
Duty Cycle
A
max
I
0.2
0.4
0.6
0.8
1
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
2.0
T
T
Δ
= 125 ˚C
T = 40 K
j
= 85 ˚C
Board
2880 Hz
360 Hz
240 Hz
0
0.5
max
I
OHL03888
Duty Cycle
A
max
I
0.2
0.4
0.6
0.8
1
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
2.0
240 Hz
360 Hz
2880 Hz
T
T
Δ
= 125 ˚C
T = 40 K
j
= 85 ˚C
Board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com