Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDSP2110 Datasheet(PDF) 5 Page - OSRAM GmbH

Part # PDSP2110
Description  Lead (Pb) Free Product - RoHS Compliant
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

PDSP2110 Datasheet(HTML) 5 Page - OSRAM GmbH

  PDSP2110 Datasheet HTML 1Page - OSRAM GmbH PDSP2110 Datasheet HTML 2Page - OSRAM GmbH PDSP2110 Datasheet HTML 3Page - OSRAM GmbH PDSP2110 Datasheet HTML 4Page - OSRAM GmbH PDSP2110 Datasheet HTML 5Page - OSRAM GmbH PDSP2110 Datasheet HTML 6Page - OSRAM GmbH PDSP2110 Datasheet HTML 7Page - OSRAM GmbH PDSP2110 Datasheet HTML 8Page - OSRAM GmbH PDSP2110 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
PDSP2110, PDSP2111, PDSP2112, PDSP2113, PDSP2114
2006-01-23
5
Electrical Characteristics at 25°C
Parameters
Limits
Conditions
Min.
Typ.
Max.
Units
V
CC
4.5
5.0
5.5
V
—
ICC Blank
—
0.5
1.0
mA
V
CC=5.0 V, VIN=5.0 V
ICC 8 digits
1)
12 dots/character
—
200
255
mA
V
CC=5.0 V, “V” displayed in
all eight digits
ICC 8 digits
1)
20 dots/character
—
300
370
mA
V
CC=5.0 V, “#” displayed in
all eight digits
IIP Current
(with pull-up)
—
11
18
µA
V
CC=5.0 V, VIN=0 V to VCC
(WR, CE, FL, RST, CLKSEL)
I, Input Leakage Current
(no pull-up)
—
—
±1.0
µA
V
CC=5.0 V,VIN=0 V to VCC
(Clk I/O, A0–A3, D0–D7)
VIH Input Voltage High
2.0
—
V
CC
+0.3
V
V
CC=4.5 V to 5.5 V
VIL Input Voltage Low
GND
–0.3
—
0.8
V
V
CC=4.5 V to 5.5 V
VOL Output Voltage Low
(Clock Pin)
—
—
0.4
V
V
CC=4.5 V to 5.5 V
IOL=1.6 mA
VOH Output Voltage High
(Clock Pin)
2.4
—
—
V
V
CC=4.5 V to 5.5 V
IOH=40 mA
IOH Output Current High
(Clock I/O)
–0.9
—
—
mA
V
CC=4.5 V, VOH=–2.4 V
IOL Output Current Low
(Clock I/O)
1.6
2.0
—
mA
V
CC=4.5 V, VOL=–0.4 V
θ
JC Thermal Resistance
Junction to Case
—
25
—
°C/W
—
F
EXT External Clock
Input Frequency
2)
28
—
81.14
kHz
V
CC=5.0 V, CLKSEL=0
F
OSC Internal Clock
Output Frequency
2)
28
—
81.14
kHz
V
CC=5.0 V, CLKSEL=1
Clock I/O Buss Loading
—
—
240
pF
—
Clock Out Rise Time
—
—
500
ns
V
CC=4.5 V, VOH=2.4 V
Clock Out Fall Time
—
—
500
ns
V
CC=4.5 V, VOL=0.4 V
FM, Digit Multiplex Frequency
125
256
362.5
Hz
—
Blinking Rate
0.98
2.0
2.83
Hz
—
Notes:
1)
Average I
CC measured at full brightness. Peak ICC=2 x IAVG ICC (# displayed).
2)
Internal/external frequency duty factor is 50%.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com