Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDSP2110 Datasheet(PDF) 4 Page - OSRAM GmbH

Part # PDSP2110
Description  Lead (Pb) Free Product - RoHS Compliant
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

PDSP2110 Datasheet(HTML) 4 Page - OSRAM GmbH

  PDSP2110 Datasheet HTML 1Page - OSRAM GmbH PDSP2110 Datasheet HTML 2Page - OSRAM GmbH PDSP2110 Datasheet HTML 3Page - OSRAM GmbH PDSP2110 Datasheet HTML 4Page - OSRAM GmbH PDSP2110 Datasheet HTML 5Page - OSRAM GmbH PDSP2110 Datasheet HTML 6Page - OSRAM GmbH PDSP2110 Datasheet HTML 7Page - OSRAM GmbH PDSP2110 Datasheet HTML 8Page - OSRAM GmbH PDSP2110 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
PDSP2110, PDSP2111, PDSP2112, PDSP2113, PDSP2114
2006-01-23
4
Enlarged Character Font
Dimensions in inch (mm)
Write Cycle Timing Diagram
Notes:
1.
All input voltages are V
IL=0.8 V, VIH=2.0 V.
2.
These wave forms are not edge triggered.
3.
T
bw=Tas+Tah
IDOD5202
C1
C2
C3
C4
C5
R1
R2
R3
R4
R5
R6
R7
2.85 (0.112)
0.65 (0.026) typ.
IDTC5054
Data
Wait
Data
Write control word -
clear bit enabled
Wait 130 ns
clear bit enabled
Write control word -
Switching Specifications
(over operating temperature range and V
CC=4.5 V)
Symbol
Description
Min.
Units
T
bw
Time Between Writes
30
ns
T
acc
(2)
Display Access Time
130
ns
T
as
Address Setup Time
10
ns
T
ces
Chip Enable Setup Time
0
ns
T
ah
Address Hold Time
20
ns
T
ceh
Chip Enable Hold Time
0
ns
T
w
Write Active Time
100
ns
T
ds
Data Valid Prior to Rising Edge
of Write
50
ns
T
dh
Data Hold Time
20
ns
T
rc
(1)
Reset Active Time
300
ns
T
clr
(3)
Clear Cycle Time
3.0
µs
Notes:
1)
Wait 300 ns min. after the reset function is turned off.
2)
T
acc=Tas+Tw+Tah
3)
The Clear Cycle Time may be shortened by writing a second
Control Word with the Clear Bit disabled, 160 ns after the first
control word that enabled the Clear Bit.
The Flash RAM and Character RAM may not be accessed
until the Clear Cycle is complete.
Tas
Tah
Tceh
Tces
Tw
Tdh
Tds
Tbw
CE
D7-D0
WR
FL, A3-A0
see Notes
Tacc
see Notes
see Notes
see Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com