Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDSP2110 Datasheet(PDF) 11 Page - OSRAM GmbH

Part # PDSP2110
Description  Lead (Pb) Free Product - RoHS Compliant
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

PDSP2110 Datasheet(HTML) 11 Page - OSRAM GmbH

Back Button PDSP2110 Datasheet HTML 6Page - OSRAM GmbH PDSP2110 Datasheet HTML 7Page - OSRAM GmbH PDSP2110 Datasheet HTML 8Page - OSRAM GmbH PDSP2110 Datasheet HTML 9Page - OSRAM GmbH PDSP2110 Datasheet HTML 10Page - OSRAM GmbH PDSP2110 Datasheet HTML 11Page - OSRAM GmbH PDSP2110 Datasheet HTML 12Page - OSRAM GmbH PDSP2110 Datasheet HTML 13Page - OSRAM GmbH PDSP2110 Datasheet HTML 14Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
PDSP2110, PDSP2111, PDSP2112, PDSP2113, PDSP2114
2006-01-23
11
Control Word Format
Flash RAM Function
Character Flash is controlled by FL pin, bit D0 and control word bit D3. Combination of FL being low, proper digit address and D0 being
high will write a flash bit into the Flash RAM Register. In the control word mode when D3 is brought high, the above mentioned character
will flash.
Display Brightness
The display can be programmed to vary between blank, 13%, 20%, 27%, 40%, 53%, 80% and full brightness.
Bits D0, D1 and D2 control the display brightness.
CE
WR
FL
A3
A2
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
Display Brightness
00
1
00
1
00
1
00
1
00
1
00
1
00
1
00
1
0X
X
X
0X
X
X
0X
X
X
0X
X
X
0X
X
X
0X
X
X
0X
X
X
0X
X
X
0
0
XXX0
0
0
0
0
XXX0
0
1
0
0
XXX0
1
0
0
0
XXX0
1
1
0
0
XXX1
0
0
0
0
XXX1
0
1
0
0
XXX1
1
0
0
0
XXX1
1
1
100% Brightness
80%
Brightness
53%
Brightness
40%
Brightness
27%
Brightness
20%
Brightness
13%
Brightness
Blank Display
X=Don’t Care
Setting the Flash Bit
CE
WR
FL
A3
A2
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
Operation
00
0
00
0
XA
A
A
XA
A
A
X
X
XXXX
X
0
X
X
XXXX
X
1
Flash RAM Disabled
Flash RAM Enabled
X=Don’t Care A=Selected Address
Character Flash Control Word
CE
WR
FL
A3
A2
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
Operation
00
1
00
1
0X
X
X
0X
X
X
0
0
X
00B
B
B
0
0
X
01B
B
B
Disable Flashing Character
Enable Flashing Character
X=Don’t Care B=Selected Brightness
Display Blinking
Blinking Function is independent of Flash function. When D4 is held high, entire display blinks at 2.0 Hz.
CE
WR
FL
A3
A2
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
Operation
00
1
00
1
0X
X
X
0X
X
X
0
0
X
00B
B
B
0
0
X
10B
B
B
Display Blinking Disabled
Display Blinking Enabled
X=Don’t Care B=Selected Brightness
Lamp Test
Bit D6 when brought high will cause all the LEDs in all eight digits to light up at 53% brightness.
Selecting or de-selecting Lamp Test bit has no effect on the display memory.
CE
WR
FL
A3
A2
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
Operation
00
1
00
1
0X
X
X
0X
X
X
0
0
X0
XX
X
X
0
1
X
00X
X
X
Lamp Test Disabled
Lamp Test Enabled
X=Don’t Care



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com