Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VIPER35 Datasheet(PDF) 35 Page - STMicroelectronics

Part # VIPER35
Description  Quasi-resonant high performance off line high voltage converter
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER35 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button VIPER35 Datasheet HTML 31Page - STMicroelectronics VIPER35 Datasheet HTML 32Page - STMicroelectronics VIPER35 Datasheet HTML 33Page - STMicroelectronics VIPER35 Datasheet HTML 34Page - STMicroelectronics VIPER35 Datasheet HTML 35Page - STMicroelectronics VIPER35 Datasheet HTML 36Page - STMicroelectronics VIPER35 Datasheet HTML 37Page - STMicroelectronics VIPER35 Datasheet HTML 38Page - STMicroelectronics VIPER35 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 44 page
background image
DocID026980 Rev 4
35/44
VIPer35
Operation description
44
Figure 41. Timing diagram: overload protection
8.14
Burst mode operation at no-load or very light load
When the load decreases, the feedback loop lowers the feedback pin voltage. If it falls down
the burst mode threshold, VFBBm, the power MOSFET doesn’t switch on. After the MOSFET
stops, the feedback pin voltage increases and by exceeding the level, VFBbm + VFBbmhys,
the power MOSFET starts switching again. The burst mode thresholds are reported in
Table 7 and Figure 42 shows this behavior. System alternates period of time where power
MOSFET switches to period of time where power MOSFET doesn’t switch; this device
working mode is the burst mode. The power delivered to output during switching periods
exceeds the load power demands; the excess of power is balanced by the period where no
power is processed. The advantage of burst mode operation is an average switching
frequency much lower than the normal operation working frequency, up to some hundred of
hertz, minimizing all frequency-related losses. During the burst mode the drain current peak
is clamped to the level, ID_BM, (see Table 7).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com