Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VIPER35 Datasheet(PDF) 28 Page - STMicroelectronics

Part # VIPER35
Description  Quasi-resonant high performance off line high voltage converter
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER35 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button VIPER35 Datasheet HTML 24Page - STMicroelectronics VIPER35 Datasheet HTML 25Page - STMicroelectronics VIPER35 Datasheet HTML 26Page - STMicroelectronics VIPER35 Datasheet HTML 27Page - STMicroelectronics VIPER35 Datasheet HTML 28Page - STMicroelectronics VIPER35 Datasheet HTML 29Page - STMicroelectronics VIPER35 Datasheet HTML 30Page - STMicroelectronics VIPER35 Datasheet HTML 31Page - STMicroelectronics VIPER35 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 44 page
background image
Operation description
VIPer35
28/44
DocID026980 Rev 4
For a quasi-resonant flyback converter, the power capability strongly depends on the input
voltage. In wide range applications, at maximum line, the power capability can be more than
twice the value at minimum line, as shown by the upper curve in the diagram, see Figure 36.
To reduce this dependence, the IDlim has to be reduced according to the increment of the
input voltage, this is the line feed-forward. It's given by a resistor, RFF, connected between
the ZCD pin and the auxiliary winding, see Figure 37. Since the voltage across the auxiliary
winding during MOSFET on-time is proportional to the input voltage through the auxiliary-to-
primary turn ratio NAUX /NP, a current proportional to the input voltage is sunk by the ZCD
pin, thus the overcurrent set-point lowers.
Figure 36. Typical power capability vs input voltage in quasi-resonant converter
In order to select the RFF resistance value (see Figure 37), when the proper overcurrent set-
points are known at minimum and at the maximum converter input voltage, in Figure 15 the
needed current to sink during MOSFET on-time is visible. With the following approximated
formula, the value of RFF resistor can be calculated:
Equation 3
where
•
Vin_Max and Vin_min are the maximum and minimum converter rectified input voltage
•
NAUX is the primary-to-auxiliary winding turn ratio
•
IZCD1, and IZCD2 are the currents needed to sink from the ZCD pin, in order to obtain
the selected overcurrent set-points, at maximum and minimum flyback input voltage,
see Figure 15.
Given RFF value, RLIM value can be calculated by the following formula:
R
FF
V
in_Max
V
in_min
–
N
AUX
I
ZCD1
I
ZCD2
–
()
⋅
------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com