Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VIPER35 Datasheet(PDF) 24 Page - STMicroelectronics

Part # VIPER35
Description  Quasi-resonant high performance off line high voltage converter
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER35 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button VIPER35 Datasheet HTML 20Page - STMicroelectronics VIPER35 Datasheet HTML 21Page - STMicroelectronics VIPER35 Datasheet HTML 22Page - STMicroelectronics VIPER35 Datasheet HTML 23Page - STMicroelectronics VIPER35 Datasheet HTML 24Page - STMicroelectronics VIPER35 Datasheet HTML 25Page - STMicroelectronics VIPER35 Datasheet HTML 26Page - STMicroelectronics VIPER35 Datasheet HTML 27Page - STMicroelectronics VIPER35 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 44 page
background image
Operation description
VIPer35
24/44
DocID026980 Rev 4
At medium/ light load, depending on the converter input voltage as well, the device enters
valley-skipping mode. An internal oscillator, synchronized to MOSFET turn-on, defines the
maximum operating frequency of the converter, FOSClim.
The VIPER35 is available as type 'L' or type 'H', depending on FOSClim value, see Table 7.
During the normal operation the converter works with a frequency below FOSClim, so the 'L'
type is suitable for applications where the priority is on the EMI filter minimization. The 'H'
type is suitable when an extended QR operation range or the transformer size reduction are
priorities.
As the load is reduced, and the switching frequency tends to exceed the oscillator’s one,
MOSFET turn-on doesn’t occur on the first valley but on the second one, the third one and
so on. In this way a “frequency clamp” effect is achieved, piecewise linear portion is showed
in Figure 32.
When the load is extremely light or disconnected, the converter enters burst mode
operation. By decreasing the load, the frequency is reduced even few hundred hertz, so to
comply with energy saving regulations or recommendations. As the peak current is low, no
audible noise occurs.
The above mentioned operation is based on ZCD pin. This pin is the input of the integrated
ZCD circuit which allows the power section turn-on at the end of the transformer
demagnetization. The input signal for the ZCD is obtained as a partition of the auxiliary
voltage used to supply the device, see Figure 33.
When the triggering circuit senses a negative-going edge below VZCDTth threshold
(seeTable 7), after an internal delay that helps to achieve minimum drain-source voltage
switch-on (“valley switching”), the power MOSFET turns on. However, to enable power
MOSFET turn-on, the triggering circuit has to be previously armed by a positive-going edge
exceeding VZCDAth threshold (see Table 7) on the same ZCD pin.
After the MOSFET turn-off, the blanking time, tBLANK, is generated to avoid an erroneous
arming and triggering due to the noise, generated by the leakage inductance resonance of
the transformer which rings and couples with ZCD pin.
Figure 32. Switching frequency vs power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com