Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LB03 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LB03
Description  SIMPLE SWITCHER 3A Step-Down Voltage Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LB03 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LB03 Datasheet HTML 1Page - National Semiconductor (TI) LB03 Datasheet HTML 2Page - National Semiconductor (TI) LB03 Datasheet HTML 3Page - National Semiconductor (TI) LB03 Datasheet HTML 4Page - National Semiconductor (TI) LB03 Datasheet HTML 5Page - National Semiconductor (TI) LB03 Datasheet HTML 6Page - National Semiconductor (TI) LB03 Datasheet HTML 7Page - National Semiconductor (TI) LB03 Datasheet HTML 8Page - National Semiconductor (TI) LB03 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
Block Diagram
01147602
3.3V R2 = 1.7k
5V, R2 = 3.1k
12V, R2 = 8.84k
15V, R2 = 11.3k
For ADJ. Version
R1 = Open, R2 = 0
Ω
Patent Pending
Ordering Information
Temperature
Range
Output Voltage
NS Package Package
Type
3.3
5.0
12
15
ADJ
Number
−40˚C
≤ T
A
≤ 125˚C
LM2576HVS-3.3
LM2576HVS-5.0
LM2576HVS-12 LM2576HVS-15 LM2576HVS-ADJ
TS5B
TO-263
LM2576S-3.3
LM2576S-5.0
LM2576S-12
LM2576S-15
LM2576S-ADJ
LM2576HVSX-3.3 LM2576HVSX-5.0 LM2576HVSX-12 LM2576HVSX-15 LM2576HVSX-ADJ
TS5B
Tape & Reel
LM2576SX-3.3
LM2576SX-5.0
LM2576SX-12
LM2576SX-15
LM2576SX-ADJ
LM2576HVT-3.3
LM2576HVT-5.0
LM2576HVT-12
LM2576HVT-15
LM2576HVT-ADJ
T05A
TO-220
LM2576T-3.3
LM2576T-5.0
LM2576T-12
LM2576T-15
LM2576T-ADJ
LM2576HVT-3.3
LM2576HVT-5.0
LM2576HVT-12
LM2576HVT-15
LM2576HVT-ADJ
T05D
Flow LB03
Flow LB03
Flow LB03
Flow LB03
Flow LB03
LM2576T-3.3
LM2576T-5.0
LM2576T-12
LM2576T-15
LM2576T-ADJ
Flow LB03
Flow LB03
Flow LB03
Flow LB03
Flow LB03
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com