Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LB03 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LB03
Description  SIMPLE SWITCHER 3A Step-Down Voltage Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LB03 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LB03 Datasheet HTML 1Page - National Semiconductor (TI) LB03 Datasheet HTML 2Page - National Semiconductor (TI) LB03 Datasheet HTML 3Page - National Semiconductor (TI) LB03 Datasheet HTML 4Page - National Semiconductor (TI) LB03 Datasheet HTML 5Page - National Semiconductor (TI) LB03 Datasheet HTML 6Page - National Semiconductor (TI) LB03 Datasheet HTML 7Page - National Semiconductor (TI) LB03 Datasheet HTML 8Page - National Semiconductor (TI) LB03 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
LM2576-5.0, LM2576HV-5.0
Electrical Characteristics (Continued)
Specifications with standard type face are for T
J = 25˚C, and those with Figure 2 boldface type apply over full Operating Tem-
perature Range.
Symbol
Parameter
Conditions
LM2576-5.0
Units
(Limits)
LM2576HV-5.0
Typ
Limit
(Note 2)
SYSTEM PARAMETERS (Note 3) Test Circuit Figure 2
η
Efficiency
V
IN = 12V, ILOAD =3A
77
%
LM2576-12, LM2576HV-12
Electrical Characteristics
Specifications with standard type face are for T
J = 25˚C, and those with boldface type apply over full Operating Temperature
Range.
Symbol
Parameter
Conditions
LM2576-12
Units
(Limits)
LM2576HV-12
Typ
Limit
(Note 2)
SYSTEM PARAMETERS (Note 3) Test Circuit Figure 2
V
OUT
Output Voltage
V
IN = 25V, ILOAD = 0.5A
12
V
Circuit of Figure 2
11.76
V(Min)
12.24
V(Max)
V
OUT
Output Voltage
0.5A
≤ I
LOAD
≤ 3A,
12
V
LM2576
15V
≤ V
IN
≤ 40V
11.52/11.40
V(Min)
Circuit of Figure 2
12.48/12.60
V(Max)
V
OUT
Output Voltage
0.5A
≤ I
LOAD
≤ 3A,
12
V
LM2576HV
15V
≤ V
IN
≤ 60V
11.52/11.40
V(Min)
Circuit of Figure 2
12.54/12.66
V(Max)
η
Efficiency
V
IN = 15V, ILOAD =3A
88
%
LM2576-15, LM2576HV-15
Electrical Characteristics
Specifications with standard type face are for T
J = 25˚C, and those with boldface type apply over full Operating Temperature
Range.
Symbol
Parameter
Conditions
LM2576-15
Units
(Limits)
LM2576HV-15
Typ
Limit
(Note 2)
SYSTEM PARAMETERS (Note 3) Test Circuit Figure 2
V
OUT
Output Voltage
V
IN = 25V, ILOAD = 0.5A
15
V
Circuit of Figure 2
14.70
V(Min)
15.30
V(Max)
V
OUT
Output Voltage
0.5A
≤ I
LOAD
≤ 3A,
15
V
LM2576
18V
≤ V
IN
≤ 40V
14.40/14.25
V(Min)
Circuit of Figure 2
15.60/15.75
V(Max)
V
OUT
Output Voltage
0.5A
≤ I
LOAD
≤ 3A,
15
V
LM2576HV
18V
≤ V
IN
≤ 60V
14.40/14.25
V(Min)
Circuit of Figure 2
15.68/15.83
V(Max)
η
Efficiency
V
IN = 18V, ILOAD =3A
88
%
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com