Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LB03 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LB03
Description  SIMPLE SWITCHER 3A Step-Down Voltage Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LB03 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LB03 Datasheet HTML 1Page - National Semiconductor (TI) LB03 Datasheet HTML 2Page - National Semiconductor (TI) LB03 Datasheet HTML 3Page - National Semiconductor (TI) LB03 Datasheet HTML 4Page - National Semiconductor (TI) LB03 Datasheet HTML 5Page - National Semiconductor (TI) LB03 Datasheet HTML 6Page - National Semiconductor (TI) LB03 Datasheet HTML 7Page - National Semiconductor (TI) LB03 Datasheet HTML 8Page - National Semiconductor (TI) LB03 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LM2576/LM2576HV Series
SIMPLE SWITCHER® 3A Step-Down Voltage Regulator
General Description
The LM2576 series of regulators are monolithic integrated
circuits that provide all the active functions for a step-down
(buck) switching regulator, capable of driving 3A load with
excellent line and load regulation. These devices are avail-
able in fixed output voltages of 3.3V, 5V, 12V, 15V, and an
adjustable output version.
Requiring a minimum number of external components, these
regulators are simple to use and include internal frequency
compensation and a fixed-frequency oscillator.
The LM2576 series offers a high-efficiency replacement for
popular three-terminal linear regulators. It substantially re-
duces the size of the heat sink, and in some cases no heat
sink is required.
A standard series of inductors optimized for use with the
LM2576 are available from several different manufacturers.
This feature greatly simplifies the design of switch-mode
power supplies.
Other features include a guaranteed ±4% tolerance on out-
put voltage within specified input voltages and output load
conditions, and ±10% on the oscillator frequency. External
shutdown is included, featuring 50 µA (typical) standby cur-
rent. The output switch includes cycle-by-cycle current limit-
ing, as well as thermal shutdown for full protection under
fault conditions.
Features
n
3.3V, 5V, 12V, 15V, and adjustable output versions
n
Adjustable version output voltage range,
1.23V to 37V (57V for HV version) ±4% max over
line and load conditions
n
Guaranteed 3A output current
n
Wide input voltage range, 40V up to 60V for
HV version
n
Requires only 4 external components
n
52 kHz fixed frequency internal oscillator
n
TTL shutdown capability, low power standby mode
n
High efficiency
n
Uses readily available standard inductors
n
Thermal shutdown and current limit protection
n
P+ Product Enhancement tested
Applications
n
Simple high-efficiency step-down (buck) regulator
n
Efficient pre-regulator for linear regulators
n
On-card switching regulators
n
Positive to negative converter (Buck-Boost)
Typical Application (Fixed Output Voltage
Versions)
SIMPLE SWITCHER® is a registered trademark of National Semiconductor Corporation.
01147601
FIGURE 1.
August 2004
© 2004 National Semiconductor Corporation
DS011476
www.national.com


Similar Part No. - LB03

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
LB03-10B03 MORNSUN-LB03-10B03 Datasheet
220Kb / 10P
AC-DC CONVERTER
LB03-10B03 MORNSUN-LB03-10B03 Datasheet
658Kb / 6P
LB series ---- is a compact size power converter offered by Mornsun.
LB03-10B05 MORNSUN-LB03-10B05 Datasheet
220Kb / 10P
AC-DC CONVERTER
LB03-10B05 MORNSUN-LB03-10B05 Datasheet
658Kb / 6P
LB series ---- is a compact size power converter offered by Mornsun.
LB03-10B09 MORNSUN-LB03-10B09 Datasheet
658Kb / 6P
LB series ---- is a compact size power converter offered by Mornsun.
More results

Similar Description - LB03

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2676 NSC-LM2676 Datasheet
350Kb / 25P
SIMPLE SWITCHER High Efficiency 3A Step-Down Voltage Regulator
logo
Cystech Electonics Corp...
PL2576-XXXF5 CYSTEKEC-PL2576-XXXF5 Datasheet
223Kb / 10P
Simple Switcher 3A Step- Down Voltage Regulator
logo
Wuxi Youda electronics ...
YD2576 YOUDA-YD2576 Datasheet
84Kb / 3P
SIMPLE SWITCHER 3A STEP-DOWN VOLTAGE
logo
GTM CORPORATION
G5ELM2576 GTM-G5ELM2576 Datasheet
358Kb / 7P
Simple Switcher 3A Step-Down Voltage Regulator
G5ULM2576 GTM-G5ULM2576 Datasheet
356Kb / 7P
Simple Switcher 3A Step-Down Voltage Regulator
logo
SeCoS Halbleitertechnol...
S5ELM2576 SECOS-S5ELM2576 Datasheet
967Kb / 8P
Simple Switcher 3A Step-Down Voltage Regulator
S5ULM2576 SECOS-S5ULM2576 Datasheet
998Kb / 8P
Simple Switcher 3A Step-Down Voltage Regulator
logo
Cystech Electonics Corp...
LM2576-XXE5 CYSTEKEC-LM2576-XXE5 Datasheet
340Kb / 12P
Simple Switcher 3A Step- Down Voltage Regulator
logo
ARTSCHIP ELECTRONICS CO...
LM2576 ARTSCHIP-LM2576 Datasheet
1Mb / 23P
SIMPLE SWITCHER 3A Step-Down Voltage Regulator
logo
List of Unclassifed Man...
AE2576 ETC-AE2576 Datasheet
569Kb / 11P
SIMPLE SWITCHER 3A Step-Down Voltage Regulator
Jan.2010 V1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com