Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST92T196 Datasheet(PDF) 254 Page - STMicroelectronics

Part # ST92T196
Description  8/16-BIT MCU FOR TV APPLICATIONS WITH UP TO 96K ROM, ON-SCREEN-DISPLAY AND 1 OR 2 DATA SLICERS
PDF  268 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92T196 Datasheet(HTML) 254 Page - STMicroelectronics

Back Button ST92T196 Datasheet HTML 250Page - STMicroelectronics ST92T196 Datasheet HTML 251Page - STMicroelectronics ST92T196 Datasheet HTML 252Page - STMicroelectronics ST92T196 Datasheet HTML 253Page - STMicroelectronics ST92T196 Datasheet HTML 254Page - STMicroelectronics ST92T196 Datasheet HTML 255Page - STMicroelectronics ST92T196 Datasheet HTML 256Page - STMicroelectronics ST92T196 Datasheet HTML 257Page - STMicroelectronics ST92T196 Datasheet HTML 258Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 254 / 268 page
background image
254/268
ST92E196A/B & ST92T196A/B ELECTRICAL CHARACTERISTICS
AC ELECTRICAL CHARACTERISTICS
PIN CAPACITANCE
(VDD = 5V ± 10%; TA = -10°C + 75°C, unless otherwise specified)
CURRENT CONSUMPTION
(VDD = 5V ± 10%; TA = -10°C + 75°C, unless otherwise specified)
Notes :
1. All ports are configured in push-pull output mode (output is high). VSYNC and HSYNC are tied to
VSS, CCVIDEO is floating. The internal
clock prescaler is in divide-by-1 mode. The external CLOCK pin (OSCIN) is driven by a square wave external clock at 4 MHz.
2. The CPU is fed by a frequency issued by the on-chip Frequency Multiplier. The Skew Corrector Frequency Multiplier provides a 28 MHz
clock. All peripherals are working.
3. All ports are configured in push-pull output mode (output is high). VSYNC and HSYNC are tied to
VSS, CCVIDEO is floating. External
CLOCK pin (OSCIN) and Reset pins are held low. All peripherals are disabled.
4. All ports are configured in push-pull output mode (output is high). VSYNC and HSYNC are tied to
VSS, CCVIDEO is floating. All peripherals
are disabled.
5. The CPU is fed by a frequency issued by the on-chip Frequency Multiplier. The Skew Corrector Frequency Multiplier provides a 14Mhz
clock. OSD, A/D, PWM, Sync Error Detector, Std Timer and WDG Timer peripherals are running.
Symbol
Parameter
Conditions
Value
Unit
Typ.
Max
CIO
Pin Capacitance
Digital Input/Output
810
pF
Symbol
Parameter
Conditions
Value
Unit
Typ.
Max
ICC1
Run Mode Current
(Notes 1, 2)
INTCLK=16MHz
80
100
mA
ICC2
Run Mode Current
(Notes 1, 2)
INTCLK=24MHz
100
120
mA
ICC3
Run Mode Current
(Notes 1, 2)
INTCLK=4MHz
25
30
mA
ICC4
Run Mode Current
(Notes 1, 5)
INTCLK=16MHz
65
78
mA
ICCA1
Analog Current (VDDA pin)
Freq. Multipliers , A/D,
OSD, All DACs & Slicers
On.
45
55
mA
ICCA2
Analog Current (VDDA pin)
Freq. Multipliers , A/D,
OSD, DACs & Slicers Off.
110
µA
ICCA3
Analog Current (VDDA pin)
Freq. Multipliers , A/D,
OSD, two DACs & one
Slicer On.
25
30
mA
IILPR
Reset Mode Current
(Note 3)
10
100
µA
IHALT
HALT Mode Current
(Note 4)
10
100
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com