Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST92T196 Datasheet(PDF) 253 Page - STMicroelectronics

Part # ST92T196
Description  8/16-BIT MCU FOR TV APPLICATIONS WITH UP TO 96K ROM, ON-SCREEN-DISPLAY AND 1 OR 2 DATA SLICERS
PDF  268 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92T196 Datasheet(HTML) 253 Page - STMicroelectronics

Back Button ST92T196 Datasheet HTML 249Page - STMicroelectronics ST92T196 Datasheet HTML 250Page - STMicroelectronics ST92T196 Datasheet HTML 251Page - STMicroelectronics ST92T196 Datasheet HTML 252Page - STMicroelectronics ST92T196 Datasheet HTML 253Page - STMicroelectronics ST92T196 Datasheet HTML 254Page - STMicroelectronics ST92T196 Datasheet HTML 255Page - STMicroelectronics ST92T196 Datasheet HTML 256Page - STMicroelectronics ST92T196 Datasheet HTML 257Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 253 / 268 page
background image
253/268
ST92E196A/B & ST92T196A/B ELECTRICAL CHARACTERISTICS
DC ELECTRICAL CHARACTERISTICS
(VDD = 5V ± 10% TA = -10°C + 75°C, unless otherwise specified)
Note: All I/O Ports are configured in bidirectional weak pull-up mode with no DC load external clock pin (OSCIN) is driven by square wave
external clock. No peripheral working.
Symbol
Parameter
Test Conditions
Value
Unit
Min.
Max.
VIH
Input High Level
TTL
2.0
V
CMOS
0.7 VDD
V
VIL
Input Low Level
TTL
0.8
V
CMOS
0.3 VDD
V
VIHRS
RESET Input High Level
0.8 VDD
V
VILRS
RESET Input Low Level
0.3 VDD
V
VHYRS
RESET Input Hysteresis
0.5
V
VIH
P2.0 Input High Level
0.8 VDD
V
VIL
P2.0 Input Low Level
0.3 VDD
V
VIHY
P2.0 Input Hysteresis
0.5
V
VIHIIC
SDA4,1/SCL4,1 Input High Level
0.8 VDD
V
VILIIC
SDA4,1/SCL4,1 Input Low Level
0.3 VDD
V
VIHYIIC
SDA4,1/SCL4,1 Hysteresis
0.5
V
VIHVH
HSYNC/VSYNC Input High Level
0.8 VDD
V
VILVH
HSYNC/VSYNC Input Low Level
0.3 VDD
V
VHYHV
HSYNC/VSYNC Input Hysteresis
1.2
V
VIHDT
SYNDET1,0 Input High Level
0.8 VDD
V
VILDT
SYNDET1,0 Input Low Level
0.3 VDD
V
VHYDT
SYNDET1,0 Input Hysteresis
0.5
V
VOH
Output High Level
Push Pull, Iload = – 0.8mA
VDD – 0.8
V
VOL
Output Low Level
Push Pull or Open Drain,
Iload = 1.6mA
0.4
V
Vpp
EPROM programming voltage
12.8
V
ILKIO
I/O Pin Input Leakage Current
Hi-Z Input,
0V < VIN < VDD
± 1.0
µA
ILKRS
RESET Pin Input Leakage Current
0V < VIN < VDD
± 1.0
µA
ILKA/D
A/D Pin Input Leakage Current
Alternate function open drain
± 1.0
µA
ILKOS
OSCIN Pin Input Leakage Current
0V < VIN < VDD
± 1.0
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com