Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Device Datasheet(PDF) 2 Page - ON Semiconductor

Part # Device
Description  1A CMOS Low-Dropout Voltage Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

Device Datasheet(HTML) 2 Page - ON Semiconductor

  Device Datasheet HTML 1Page - ON Semiconductor Device Datasheet HTML 2Page - ON Semiconductor Device Datasheet HTML 3Page - ON Semiconductor Device Datasheet HTML 4Page - ON Semiconductor Device Datasheet HTML 5Page - ON Semiconductor Device Datasheet HTML 6Page - ON Semiconductor Device Datasheet HTML 7Page - ON Semiconductor Device Datasheet HTML 8Page - ON Semiconductor Device Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
NCP694
http://onsemi.com
2
Figure 1. Pin Description
12
3
3
2
1
4
54
5
12 3
65 4
32 1
45 6
(TOP VIEW)
(BOTTOM VIEW)
(TOP VIEW)
(BOTTOM VIEW)
SOT−89−5
HSON−6
PIN FUNCTION DESCRIPTION FOR SOT−89−5 PACKAGE
Pin No.
Pin Name
Description
1
ADJ/NC
Adjust pin for NCP694DADJHT1G and NCP694HADJHT1G / No connection
2
GND
Power supply ground
3
CE
This input is used to place the device into low−power standby. When this input is pulled low, the
device is disabled. If this function is not used, Enable should be connected to Vin.
4
Vin
Positive power supply input voltage.
5
Vout
Regulated output voltage.
PIN FUNCTION DESCRIPTION FOR HSON−6 PACKAGE
Pin No.
Pin Name
Description
1
Vout
Regulated output voltage
2
Vout
Regulated output voltage
3
ADJ / NC
Adjust pin for NCP694DSANADJT1G and NCP694HSANADJT1G / No connection
4
GND
Power supply ground
5
CE
This input is used to place the device into low power standby. When this input is pulled low, the
device is disabled. If this function is not used, Enable should be connected to Vin.
6
Vin
Positive power supply input voltage
Current Limit&
Thermal Shutdown
Vin
GND
Vref
Vin
CE
Vout
Vout
Current Limit&
Thermal Shutdown
Vin
GND
Vref
Vin
CE
Vout
Vout
Version H (NCP694HxxxxT1G)
Figure 2. Internal Block Diagram
Version D (NCP694DxxxxT1G)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com